Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2450BP18C100BE Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 2450BP18C100BE
Description  2.45 GHz ISM Band Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450BP18C100BE Datasheet(HTML) 1 Page - Johanson Technology Inc.

  2450BP18C100BE Datasheet HTML 1Page - Johanson Technology Inc. 2450BP18C100BE Datasheet HTML 2Page - Johanson Technology Inc. 2450BP18C100BE Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LW
T
a
b
Inches
0.126 ± .012
0.064± .012
0.034 ± .004
0.031 ± .012
0.020 ± .012
mm
3.2 ± 0.3
1.6 ± 0.3
0.85 ± 0.1
0.80 ± 0.3
0.50 ± 0.3
“High Frequency Ceramic Solutions”
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
www.johanson technology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
Input Power
Impedance
Operating Temperature Range
3 Watts max
50
-40 to +85°C
Part
Frequency
Insertion
Return
Number
(MHz)
Loss
Attenuation (min.)
Loss
Ripple
2450BP18C100B_
2450 ± 50
2.0 dB max
30 dB @ 1.75 GHz
9.5 dB min.
0.7 dB max.
25 dB @ 2.10 GHz
22 dB @ 4.8-5.0 GHz
2.45 GHz ISM Band Pass Filter
P/N 2450BP18C100B
Detail Specification Page 1 of 2
Revised 09/18/01
Terminal Configuration
Mounting Considerations
Mount these devices with brown colored side facing up.
Line width should be designed to provide 50
impedance matching characteristics.
No.
Function
No.
Function
1
I/O
3
GND
2
I/O
4
GND
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
Mechanical Dimensions


Similar Part No. - 2450BP18C100BE

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
More results

Similar Description - 2450BP18C100BE

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2500BP15M400 JOHANSON-2500BP15M400 Datasheet
127Kb / 2P
   2.45 GHz Band Pass Filter
2450BP15J0100 JOHANSON-2450BP15J0100 Datasheet
208Kb / 3P
   2.45 GHz Band Pass Filter
2500BP15M400 JOHANSON-2500BP15M400_09 Datasheet
203Kb / 2P
   2.45 GHz Band Pass Filter
2450BP41D100BE JOHANSON-2450BP41D100BE Datasheet
113Kb / 2P
   2.45 GHz Band Pass Filter
2450BP41D100AE JOHANSON-2450BP41D100AE Datasheet
93Kb / 2P
   2.45 GHz Band Pass Filter
2450BP18C100D JOHANSON-2450BP18C100D Datasheet
124Kb / 2P
   2.45 GHz Band Pass Filter
2450BP39D100C JOHANSON-2450BP39D100C Datasheet
117Kb / 2P
   2.45 GHz Band Pass Filter
2450BP15D100 JOHANSON-2450BP15D100 Datasheet
90Kb / 2P
   2.45 GHz Band Pass Filter
2450BP39E100A JOHANSON-2450BP39E100A Datasheet
72Kb / 2P
   2.45 GHz Band Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com