Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL610406-03 Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610406-03
Description  8-bit Microcontroller with a Built-in LCD driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610406-03 Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  FEDL610406-03 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
FEDL610406-05
ML610404/ML610405/ML610406
3/30
• Clock
− Low-speed clock (Operation of this LSI is not guaranteed under a condition with no supply of low-speed crystal oscillation
clock)
Crystal oscillation (32.768 kHz)
− High-speed clock: Built-in RC oscillation (500 kHz, 2MHz)
• Power management
− HALT mode: Suspends the instruction execution by CPU (peripheral circuits are in operating states)
− STOP mode: Stops the low-speed oscillation and high-speed oscillation (Operations of CPU and peripheral circuits are
stopped.)
− High-speed clock gear: The frequency of high-speed system clock can be changed by software (1/1, 1/2, 1/4, or 1/8 of the
oscillation clock)
− Block control function: Completely stops the operation of any function block circuit that is not used (resets registers and
stops clock)
• Guaranteed operating range
− Operating temperature: -20°C to +70°C (P version: -40°C to +85°C)
− Operating voltage: VDD = 1.25V to 3.6V


Similar Part No. - FEDL610406-03

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610403-04 LAPIS-FEDL610403-04 Datasheet
290Kb / 27P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-01 LAPIS-FEDL610409-01 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-02 LAPIS-FEDL610409-02 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-03 LAPIS-FEDL610409-03 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-04 LAPIS-FEDL610409-04 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610406-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com