Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2450AD47A1590E Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part No. 2450AD47A1590E
Description  BT/WiFi and GPS/BDS/GLNSS Quad band, Dual Feed Chip Antenna: 2.4/1.561/1.575/1.602GHz, SMD
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JOHANSON [Johanson Technology Inc.]
Homepage  http://www.johansontechnology.com
Logo 

2450AD47A1590E Datasheet(HTML) 1 Page - Johanson Technology Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BT/WiFi and GPS/BDS/GLNSS Quad band, Dual Feed Chip Antenna: 2.4/1.561/1.575/1.602GHz, SMD
P/N 2450AD47A1590
Detail Specification:
Page 1 of 9
1On Johanson test board p/n: 2450AD47A1590-EB1SMA. EVB details on pages 2/3
Part Number Explanation
In
No.
L
±±
1
W
±±
2
T
±±
3
a1
±±
4
a2
±±
5
a3
±±
6
b
±±
7
8
Find out more about our antenna design assistance services at:
http://www.johansontechnology.com/ipc-antenna-services
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2015 Johanson Technology, Inc. All Rights Reserved
P/N Suffix
Evaluation Board
2450AD47A1590-EB1SMA (Pre-tuned with SMA connectors)
0.039
0.008
1.00
0.20
0.394
0.008
0.126
mm
0.008
3.20
10.00
0.20
0.012
0.30
0.1/-0.2
0.004/-0.008
GND
1.5-1.6GHz Feed Point
0.059
1.50
0.031
0.80
0.008
0.20
0.106
0.008
General Specifications
Part Number
Frequency (MHz)
Peak Gain
(dBi typ.)
Average Gain
(dBi typ.)
1575
1.5
(YZ-Total)
1602
2450AD47A1590
-1.0
(YZ-Total)
-2.5
(YZ-Total)
-2.0
(YZ-Total)
-2.0
(YZ-Total)
1.5
(YZ-Total)
Ver 1.0
Suffix = E or S
Terminal Configuration
Function
2.4GHz Feed Point
GND
e.g.. 2450AD47A1590(E or S)
GND
GND
GND
GND
Mechanical Dimensions
2.70
0.20
0.20
0.008
Storage Temperature
Reel Quantity
0.20
20 dB
15 dB
8 min.
Power Capacity
Storage Period
Operating Temperature
Return Loss (dB)
Ave Radiation
Efficiency %
1
(on JTI EVB)
Isolation
8 min.
83
45
51
7.5 min.
9.0 min.
51
"High Frequency Ceramic Solutions"
Packing Style
e.g.. 2450AD47A1590E
T & R
100% Tin
Suffix = E
Bulk (loose) Suffix = S
e.g.. 2450AD47A1590S
11/10/2015
2400~2500
1.0
(YZ-Total)
0.5
(YZ-Total)
1561
15 dB
15 dB
18 months max.
2W max. (CW)
-40 to +85°C
-40 to +85°C
1,000
T
L
a1
a1
w
a2
a2
a1
a1
a3
L
b
 
 


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn