Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2450AD47A1590E Datasheet(PDF) 6 Page - Johanson Technology Inc.

Part No. 2450AD47A1590E
Description  BT/WiFi and GPS/BDS/GLNSS Quad band, Dual Feed Chip Antenna: 2.4/1.561/1.575/1.602GHz, SMD
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JOHANSON [Johanson Technology Inc.]
Homepage  http://www.johansontechnology.com
Logo 

2450AD47A1590E Datasheet(HTML) 6 Page - Johanson Technology Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BT/WiFi and GPS/BDS/GLNSS Quad band, Dual Feed Chip Antenna: 2.4/1.561/1.575/1.602GHz, SMD
P/N 2450AD47A1590
Detail Specification:
Page 6 of 9
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2015 Johanson Technology, Inc. All Rights Reserved
Ver 1.0
"High Frequency Ceramic Solutions"
11/10/2015
Typical Radiation Patterns
Johanson Technology, Inc. reserves the right to make design changes without notice. Please confirm the specifications
and delivery conditions when placing your order. All sales are subject to Johanson Technology, Inc. terms and conditions.
Radiation Patterns @ 1.561GHz
XY-Plane
YZ-Plane
XZ-Plane
+Z (Theta=0°)
+Y (Phi=90°)
+X (Phi=0°)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn