Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82EC2100Z350J Datasheet(PDF) 1 Page - Kemet Corporation

Part # R82EC2100Z350J
Description  Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.01 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82EC2100Z350J Datasheet(HTML) 1 Page - Kemet Corporation

  R82EC2100Z350J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 16ff25b3-4156-4a3e-b8aa-391e894030d0
KEMET Part Number: R82EC2100Z350J
Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.01 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm +0.2mm
H
6.5mm +0.1mm
T
2.5mm +0.1mm
S
5mm +/-0.4mm
LL
17mm +1/-2mm
F
0.5mm +/-0.05mm
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 4000
General Information
Dielectric: Metallized Polyester Stacked
Style: Radial
Series: R82
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous: Above 85C DC And AC Voltage
Derating Is 1.25%/C
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 5%
Voltage DC: 100 VDC
Voltage AC: 63 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 0.8% 1kHz, 1.2% 10kHz, 2.5%
100kHz
Insulation Resistance: 15 GOhms
Max dVdt: 200 V
Inductance: 7 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R82EC2100Z350J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82EC2100-5 KEMET-R82EC2100-5 Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR D.C. MUL TIPURPOSE APPLICATIONS
R82EC2100AA50J KEMET-R82EC2100AA50J Datasheet
54Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 0.01 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2100CK50J KEMET-R82EC2100CK50J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.01 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2100DQ50J KEMET-R82EC2100DQ50J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.01 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82EC2100Z350J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82EC2100AA50J KEMET-R82EC2100AA50J Datasheet
54Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 0.01 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2100CK50J KEMET-R82EC2100CK50J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.01 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2100DQ50J KEMET-R82EC2100DQ50J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.01 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC3470CK70J KEMET-R82EC3470CK70J Datasheet
53Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.47 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC3220AA70J KEMET-R82EC3220AA70J Datasheet
54Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 0.22 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2150Z350J KEMET-R82EC2150Z350J Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.015 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2680Z360J KEMET-R82EC2680Z360J Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.068 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC3330Z370J KEMET-R82EC3330Z370J Datasheet
55Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.33 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2470AA60J KEMET-R82EC2470AA60J Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.047 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC4100Z370J KEMET-R82EC4100Z370J Datasheet
55Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 1 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com