Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9092-02 Datasheet(PDF) 14 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9092-02
Description  LCD Driver with Key Scanner
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9092-02 Datasheet(HTML) 14 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9092-02 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9092-02 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9092-02 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9092-02 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9092-02 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9092-02 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9092-02 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9092-02 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9092-02 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
14/66
ML9092-04
Function
Pin
Symbol
Type
Description
63
CS
I
Chip select signal input pin
64
CP
I
Shift clock signal input pin. This pin is
connected to the Schmitt circuit internally.
65
DI/O
I/O
Serial data signal I/O pin. This pin is
connected to the Schmitt circuit internally.
CPU interface
66
KREQ
O
Key scan read and rotary encoder read
READY signal output pin.
74
OSC1
I
Oscillation
75
OSC2
O
Connect external resistors with this pin.
This pin is connected to the Schmitt circuit
internally.
If using an external clock, input it from the
OSC1 pin and leave the OSC2 pin open.
67
RESET
I
Reset input. Initial settings can be
established by applying a “L” level to this
pin. This pin is connected to the Schmitt
circuit internally.
Control signal
76
TEST
I
Test input pin. This pin is connected to the
VSS pin.
62–58
C0–C4
I
Input pins that detect status of key
switches. These pins are connected to the
Schmitt circuit internally.
57–53
R0–R4
O
Key switch scan signal output pins
Switch signal
51, 52
A, B
I
Rotary encoder signal input pins.
These pins are connected to the Schmitt
circuit internally.
Port output
77
80–78
PA0
PB0–PB2
O
Port A output pin
Port B output pins
50–1,
100–91
SEG1–SEG60
O
LCD segment driver output pins
LCD driver output
90–81
COM1–COM10
O
LCD common driver output pins
73
VDD
Logic power supply pin
68
VSS
GND pin
72
VHIN
High-voltage power supply pin
71, 69
V0, V2
LCD bias pins
Power supply
70
NC
Should be left open.


Similar Part No. - ML9092-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9092-02 OKI-ML9092-02 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-02 ETC2-ML9092-02 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-02 ETC2-ML9092-02 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-02TB OKI-ML9092-02TB Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
More results

Similar Description - ML9092-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com