Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9092-01 Datasheet(PDF) 39 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9092-01
Description  LCD Driver with Key Scanner
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9092-01 Datasheet(HTML) 39 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9092-01 Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML9092-01 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
39/66
Description of the Data Section in Instructions
 Key scan register (KR)—Read (for ML9092-01/04)
D7
D6
D5
D4
D3
D2
D1
D0
ST2
ST1
ST0
S4
S3
S2
S1
S0
(1) D7 to D5 (ST2 to ST0) (Key scan read count display bits)
25-bit key scan data is divided into 5 groups and read. The read count is indicated by bits ST2 to ST0.
Every time key scan data is read, these bits are automatically incremented over the range of “000” to “100”. After
counting to “100”, this counter is reset to “000” and then again incremented from “000”, thereafter repeating this
cycle. If the
CS signal is risen up during the cycle of counting, the scan read counter bits are returned to “000”.
If the
RESET pin is pulled to a “L” level, these bits are reset to “0”.
(2) D4 to D0 (S4 to S0) (Key scan read data bits)
These bits are read as 25-bit serial data that expresses the key switch status (1 = ON, 0 = OFF). Data is divided into
5 groups and read. (For the read order, refer to the description below.) The read count is indicated by bits ST2 to
ST0.
The correspondence between the scan read count data, key scan data and key matrix switches is shown below.
If the
RESET pin is pulled to a “L” level, these bits are reset to “0”.
ST2
ST1
ST0
S4
S3
S2
S1
S0
0
0
0
SW04
SW03
SW02
SW01
SW00
R0
0
0
1
SW14
SW13
SW12
SW11
SW10
R1
0
1
0
SW24
SW23
SW22
SW21
SW20
R2
0
1
1
SW34
SW33
SW32
SW31
SW30
R3
1
0
0
SW44
SW43
SW42
SW41
SW40
R4
Note: SW00 to SW44 indicate the corresponding switches in Figure 1.


Similar Part No. - ML9092-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-01TB OKI-ML9092-01TB Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
More results

Similar Description - ML9092-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com