Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEDL9042-01 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # PEDL9042-01
Description  DOT MATRIX LCD CONTROLLER DRIVER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

PEDL9042-01 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button PEDL9042-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. PEDL9042-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. PEDL9042-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. PEDL9042-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. PEDL9042-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. PEDL9042-01 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. PEDL9042-01 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. PEDL9042-01 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. PEDL9042-01 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
10/58
Note 3:
Note 4:
The wire between OSCR3 and OSC2, or between OSCR5
and OSC2 should be as short as possible. Keep open
between OSC1 and OSCR3, or between OSC1 and OSCR5.
The wire between OSC1 and Rf and the wire between
OSC2 and Rf should be as short as possible.
Keep OSCR3 and OSCR5 open.
OSC1
OSCR3
OSC2
OSC1
OSCR5
OSC2
OSCR3
OSCR5
OSC1
OSCR5
OSC2
Rf = 85 k2%
OSCR3
Note 5:
tHW
tLW
VDD
2
fIN
waveform
VDD
2
VDD
2
Applied to the pulses entering from the OSC1 pin
fduty = tHW/(tHW + tLW) ×100 (%)
Note 6:
0.8VDD
Applied to the pulses entering from the OSC1 pin
0.8VDD
0.2VDD
0.2VDD
trf
tff
Note 7:
The maximum value of the voltage multiplier input voltage should be set at 2.75 V, and the
minimum value of the voltage multiplier input voltage should be set by monitoring the voltage
of V0 in actual use so that the voltage multiplier output voltage meets the specification for the
bias voltage for driving LCD after contrast adjustment.
Note 8:
For 1/4 bias, V2 and V3B pins are short-circuited. V3A pin is open.
For 1/5 bias, V3A and V3B pins are short-circuited. V2 pin is open.


Similar Part No. - PEDL9042-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
PEDL9298-01 LAPIS-PEDL9298-01 Datasheet
118Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
logo
OKI electronic componet...
PEDL9352-01 OKI-PEDL9352-01 Datasheet
302Kb / 53P
   128-Channel Organic EL Driver with Built-in RAM
logo
LAPIS Semiconductor Co....
PEDL9460-01 LAPIS-PEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
PEDL9460-02 LAPIS-PEDL9460-02 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
PEDL9460-03 LAPIS-PEDL9460-03 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
More results

Similar Description - PEDL9042-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com