Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03S101-K100 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03S101-K100
Description  RPC-3.50 Airline Plug / Jack
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03S101-K100 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03S101-K100 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S101-K100 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S101-K100 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
RPC-3.50
Airline Plug / Jack
03S101-K100
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Insertion loss
≤ 0.70 dB at 26.5 GHz
Mechanical data
Mating cycles
≥ 500
Maximum torque
1.70 Nm
Recommended torque
0.90 Nm
Airline dimensions at 23 °C:
- Diameter outer conductor
3.500 mm ± 0.005 mm
- Diameter inner conductor
1.520 mm ± 0.005 mm
- Length outer conductor
100.00 mm + 0.02 mm
- Length inner conductor
100.00 mm - 0.02 mm
- Length difference
≤ 0.04 mm
(outer conductor – inner conductor)
Calculated data (non warranted)
Lossless characteristic impedance
1
50
Ω ± 0.35 Ω
Return loss
2
≥ 40 dB, 0.3 GHz to 4 GHz
≥ 38 dB, 4 GHz to 8 GHz
≥ 35 dB, 8 GHz to 26.5 GHz
1.
The lossless characteristic impedance is calculated from the specified diameters of the inner and outer conductor.
2.
The return loss is calculated from the characteristic impedance, the skin depth and the connector interface.
General standard definitions
For proper work the vector network analyzer (VNA) used needs a model describing the electrical behaviour
of this calibration standard. Depending on the VNA type different models, units and terms are used
and have to be entered into the VNA. All values are based on typical geometry and plating.
- Offset Zo / Impedance / Zo
50
- Offset Delay
333.706 ps
- Length (electrical) / Offset Length
100.042 mm
- Offset Loss
3.00 G
Ω/s
- Loss
0.0870 dB/ GHz
Environmental data
Operating temperature range
3
+20 °C to +26 °C
Storage temperature range
0 °C to +50 °C
RoHS
compliant
3.
This range is a recommendation. However, the airline can be used in a wider range.
Any temperature change from 23 °C results in dimensional changes.


Similar Part No. - 03S101-K100

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S101-K100/20D ROSENBERGER-03S101-K100/20D Datasheet
147Kb / 3P
   RPC-3.50 Verification Kit
More results

Similar Description - 03S101-K100

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S101-K020 ROSENBERGER-03S101-K020 Datasheet
242Kb / 3P
   RPC-3.50 Airline Plug / Jack
03S101-K038 ROSENBERGER-03S101-K038 Datasheet
245Kb / 3P
   RPC-3.50 Airline Plug / Jack
03S101-K015 ROSENBERGER-03S101-K015 Datasheet
236Kb / 3P
   RPC-3.50 Airline Plug / Jack
03K101-K015 ROSENBERGER-03K101-K015 Datasheet
84Kb / 3P
   RPC-3.50 Airline Jack / Jack
03K101-K020 ROSENBERGER-03K101-K020 Datasheet
84Kb / 3P
   RPC-3.50 Airline Jack / Jack
03K101-K038 ROSENBERGER-03K101-K038 Datasheet
85Kb / 3P
   RPC-3.50 Airline Jack / Jack
08S101-K013 ROSENBERGER-08S101-K013 Datasheet
45Kb / 3P
   RPC-1.85 Airline Plug / Jack
09S101-K025 ROSENBERGER-09S101-K025 Datasheet
47Kb / 3P
   RPC-2.40 Airline Plug / Jack
08S101-K014 ROSENBERGER-08S101-K014 Datasheet
45Kb / 3P
   RPC-1.85 Airline Plug / Jack
09S101-K015 ROSENBERGER-09S101-K015 Datasheet
47Kb / 3P
   RPC-2.40 Airline Plug / Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com