Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL620Q504-01 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL620Q504-01
Description  Ultra Low Power 16-bit Microcontroller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL620Q504-01 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL620Q504-01 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL620Q504-01 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL620Q504-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL620Q504-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL620Q504-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL620Q504-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL620Q504-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL620Q504-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL620Q504-01 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
FEDL620Q504-01
ML620Q503/Q504
7/34
PIN LIST
PKG
Pin
No.
1st Function
2nd/3rd/4th Function
Pin name
I/O
Reset State
Function
pin name
I/O
function
pin name I/O
function
pin name
I/O
function
14,
45
VSS
Negative power supply
pin
13,
44
VDD
Positive power supply
pin
43
VDDL
Power supply pin for
internal circuit
(internally generated)
46
VDDX
Power supply pin for
internal circuit (internally
generated)
12
VREF
I
Reference voltage
input pin of SA-ADC
1
RESET_N
I
Pull-up
Input
Reset input pin
42
TEST1_N
I
Pull-up
Input
Input pin for testing
41
TEST0
I/O
Pull-down
Input
Input/output pin
for testing
48
PXT0/
EXII0/
XT0
I
Input
disable
Input port/
External interrupt/
Low-speed oscillation
port
47
PXT1/
EXI1/
XT1/
LSCLKI
I/O
Hi-Z
output
Input-Output port/
External interrupt/
Low-speed oscillation
port
Low-speed external
clock input
19
P00/
EXI00/
AIN8
I/O
Hi-Z
output
Input-Output port/
External interrupt/
SA-ADC input
IN0
I
RC-ADC oscillation
input
SOUT0
O
SSIO data output
RXD0
I
UART
data
input
20
P01/
EXI01/
AIN9
I/O
Hi-Z
output
Input-Output port/
External interrupt/
SA-ADC input
CS0
O
RC-ADC reference
capacitance
connection pin
SIN0
I
SSIO data input
TXD0
O
UART
data
output
21
P02/
EXI02/
AIN10
I/O
Hi-Z
output
Input-Output port/
External interrupt/
SA-ADC input
RCT0
O
RCADC
resistor/capacitor
sensor connection
pin
SCK0
I/O
SSIO clock
input/output
TMOUT0
O
FTM
output
22
P03/
EXI03/
AIN11
I/O
Hi-Z
output
Input-Output port/
External interrupt/
SA-ADC input
RS0
O
RC-ADC reference
resistor connection
pin
TMOUT1
O
FTM
output
23
P04/
EXI04
I/O
Hi-Z
output
Input-Output port/
External interrupt
RT0
O
RC-ADC
measurement
resistor sensor
connection pin
24
P05/
EXI05
I/O
Hi-Z
output
Input-Output port/
External interrupt
RCM
O
RC-ADC oscillation
monitor
2
P10/
OSC0
I/O
Hi-Z
output
Input-Output port/
High-speed oscillation
port
3
P11/
OSC1/
CLKIN
I/O
Hi-Z
output
Input-Output port/
High-speed oscillation
port
High-speed external
clock input
15
P20/
EXI20/
AIN4
I/O
Hi-Z
output
Input-Output port/
External interrupt/
SA-ADC input
IN1
I
RC-ADC oscillation
input
SOUTF0
O
SSIOF data
output
RXDF0
I
UARTF
data
input
16
P21/
EXI21/
AIN5
I/O
Hi-Z
output
Input-Output port/
External interrupt/
SA-ADC input
CS1
O
RC-ADC reference
capacitance
connection pin
SINF0
I
SSIOF data input
TXDF0
O
UARTF
data
output
17
P22/
EXI22/
AIN6
I/O
Hi-Z
output
Input-Output port/
External interrupt/
SA-ADC input
RS1
O
RC-ADC reference
resistor connection
pin
SCKF0
I/O
SSIOF clock
input/output
TMOUT2
O
FTM
output


Similar Part No. - FEDL620Q504-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL620Q130B-01 LAPIS-FEDL620Q130B-01 Datasheet
803Kb / 34P
   16-bit micro controller
FEDL620Q150A-01 LAPIS-FEDL620Q150A-01 Datasheet
759Kb / 36P
   16-bit micro controller
FEDL620Q150B-01 LAPIS-FEDL620Q150B-01 Datasheet
825Kb / 36P
   16-bit micro controller
More results

Similar Description - FEDL620Q504-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
XE88LC05 ETC1-XE88LC05 Datasheet
1Mb / 39P
   16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
Maxim Integrated Produc...
DS4830 MAXIM-DS4830 Datasheet
1Mb / 29P
   Optical Microcontroller 16-Bit MAXQ20 Low-Power Microcontroller
Rev 0; 6/11
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
EM Microelectronic - MA...
EM6812 EMMICRO-EM6812 Datasheet
1Mb / 81P
   Ultra Low Power 8-bit FLASH Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com