Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML620Q503 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q503
Description  Ultra Low Power 16-bit Microcontroller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q503 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q503 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
FEDL620Q504-01
ML620Q503/Q504
5/34
BLOCK DIAGRAM
Block Diagram of ML620Q503/Q504
Figure 1.
Block Diagram of ML620Q503/Q504
Program
Memory
(Flash)
32K/64Kbyte
SSIO x 1
SSIOF x 1
SCK0
SIN0
SOUT0
UART x 1
UARTF x 1
RXD0
TXD0
I
2C x 2
SDA0
SCL0
INT
2
RAM
2K/6Kbyte
Interrupt
Controller
CPU (nX-U16/100)
Timing
Controller
EA
SP
On-Chip
ICE
Instruction
Decoder
BUS
Controller
Instruction
Register
TBC
INT
3
INT
3
INT
2
INT
1
WDT
INT
8
Timer
×8
INT
4
Function
Timer x 4
GPIO
PXT0 to PXT1
P10 to P11
P20 to P23
INT
8
P30 to P37
P40 to P47
Data-bus
TMOUTA-F
TEST0
RESET_N
OSC
XT0
XT1
OSC0
OSC1
LSCLKO
OUTCLK
VLS
Power
VDDL
RC-ADC
CS0
IN0
RS0
RT0
RCT0
RCM
CS1
IN1
RS1
RT1
RESET &
TEST
ALU
EPSW1~3
PSW
ELR1~3
LR
ECSR1~3
DSR/CSR
PC
GREG
0~15
VDD
VSS
VDDX
INT
1
Analog
Comparator
x 2
CMP0P
CMP0M
INT
2
SCKF0
SINF0
SOUTF0
SDA1
SCL1
TMOUT0-9
SA-ADC
INT
1
AIN0 to AIN11
CMP1P
CMP1M
VREF
TEST1_N
INT
1
LSCLKI
P00 to P05
P50 to P57
TMCKI0-7
RXDF0
TXDF0
SSF0
MELODY
LLD
co-processor
(muldiv)
INT
1
CLKIN
MD0
INT
1


Similar Part No. - ML620Q503

ManufacturerPart #DatasheetDescription
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
   Ultra Low Power 16-bit Microcontrolle
More results

Similar Description - ML620Q503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
XE88LC05 ETC1-XE88LC05 Datasheet
1Mb / 39P
   16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
Maxim Integrated Produc...
DS4830 MAXIM-DS4830 Datasheet
1Mb / 29P
   Optical Microcontroller 16-Bit MAXQ20 Low-Power Microcontroller
Rev 0; 6/11
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
EM Microelectronic - MA...
EM6812 EMMICRO-EM6812 Datasheet
1Mb / 81P
   Ultra Low Power 8-bit FLASH Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com