Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03S12S-001D3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03S12S-001D3
Description  Short Circuit Plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03S12S-001D3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03S12S-001D3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S12S-001D3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S12S-001D3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
RPC-3.50
Short Circuit
Plug
03S12S-001D3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Frequency range
DC to 26.5 GHz
Return loss
 0.10 dB, DC to 4 GHz
 0.12 dB, 4 GHz to 8 GHz
 0.20 dB, 8 GHz to 26.5 GHz
Error from nominal phase1
 1.0°, DC to 4 GHz
 1.5°, 4 GHz to 8 GHz
 2.0°, 8 GHz to 26.5 GHz
1
The nominal phase is defined by the Offset Delay, the Offset Loss and the Short Inductance.
Mechanical data
Mating cycles
 500
Maximum torque
1.70 Nm
Recommended torque
0.90 Nm
Gauge
0.00 mm to 0.04 mm
General standard definitions
For proper operation the vector network analyzer (VNA) needs a model describing the electrical behaviour
of this calibration standard. The different models, units, and terms used will depend on the VNA type and they
will have to be entered into the VNA. All values are based on typical geometry and plating.
Offset Zo / Impedance / Zo
50
Offset Delay
16.6782 ps
Length (electrical) / Offset Length
5.00 mm
Offset Loss
2.36 GΩ/s
Loss
0.0111 dB/ GHz
Short Inductance2
2
Short Inductances are determined individually for each Short circuit and are documented in a Calibration Certificate.
Environmental data
Operating temperature range3
+20 °C to +26 °C
Rated temperature range of use
4
0 °C to +50 °C
Storage temperature range
-40 °C to +85 °C
RoHS
compliant
3
Temperature range over which these specification are valid.
4
This range is underneath and above the operating temperature range, within the Short circuit is fully functional
and could be used without damage.


Similar Part No. - 03S12S-001D3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S12S-000S3 ROSENBERGER-03S12S-000S3 Datasheet
544Kb / 3P
   Short Circuit Plug
03S12S-000S3 ROSENBERGER-03S12S-000S3 Datasheet
142Kb / 3P
   RPC-3.50 Calibration Kit
03S12S-00FS3 ROSENBERGER-03S12S-00FS3 Datasheet
780Kb / 3P
   Calibration Kit
More results

Similar Description - 03S12S-001D3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71S12S-000S3 ROSENBERGER-71S12S-000S3 Datasheet
127Kb / 3P
   Short Circuit PLUG
74S12S-000S3 ROSENBERGER-74S12S-000S3 Datasheet
581Kb / 3P
   Short Circuit Plug
03S12S-000S3 ROSENBERGER-03S12S-000S3 Datasheet
544Kb / 3P
   Short Circuit Plug
18S12S-000D3 ROSENBERGER-18S12S-000D3 Datasheet
546Kb / 3P
   Short Circuit
119K12S-000D3 ROSENBERGER-119K12S-000D3 Datasheet
582Kb / 3P
   Short Circuit
119S12S-000D3 ROSENBERGER-119S12S-000D3 Datasheet
573Kb / 3P
   Short Circuit
09S12S-000S3 ROSENBERGER-09S12S-000S3 Datasheet
92Kb / 3P
   Short Circuit
02S12S-000S3 ROSENBERGER-02S12S-000S3 Datasheet
550Kb / 3P
   Short Circuit
18K12S-000D3 ROSENBERGER-18K12S-000D3 Datasheet
547Kb / 3P
   Short Circuit
51S12S-000S3 ROSENBERGER-51S12S-000S3 Datasheet
126Kb / 3P
   Short Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com