Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271YB4100MR30 Datasheet(PDF) 4 Page - Kemet Corporation

Part # PME271YB4100MR30
Description  PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271YB4100MR30 Datasheet(HTML) 4 Page - Kemet Corporation

  PME271YB4100MR30 Datasheet HTML 1Page - Kemet Corporation PME271YB4100MR30 Datasheet HTML 2Page - Kemet Corporation PME271YB4100MR30 Datasheet HTML 3Page - Kemet Corporation PME271YB4100MR30 Datasheet HTML 4Page - Kemet Corporation PME271YB4100MR30 Datasheet HTML 5Page - Kemet Corporation PME271YB4100MR30 Datasheet HTML 6Page - Kemet Corporation PME271YB4100MR30 Datasheet HTML 7Page - Kemet Corporation PME271YB4100MR30 Datasheet HTML 8Page - Kemet Corporation PME271YB4100MR30 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3017_PME271YA_Y2_300 • 5/19/2016
4
Film Capacitors
AC Line EMI Suppression and RC Networks – PME271Y A–E Series Metallized Impregnated Paper, Class Y2, 300 VAC
Performance Characteristics
Rated Voltage
300 VAC 50/60 Hz
Capacitance Range
0.001 – 0.15 µF
Capacitance Tolerance
±20%forC≤0.1µF,±10%forC>0.1µF
Temperature Range
−40ºCto+115°C
Climatic Category
40/115/56/B
Approvals
ENEC, UL, CSA, CQC
Dissipation Factor
MaximumValuesat+23°C
1 kHz
1.3%
Test Voltage Between Terminals
The 100% screening factory test is carried out at 3,000 VDC. The
voltage level is selected to meet the requirements in applicable
equipment standards. All electrical characteristics are checked
after the test. It is not permitted to repeat this test as there is a risk
to damage the capacitor. KEMET is not liable in such case for any
failures.
Insulation Resistance
Minimum Value Between Terminals
≥12,000MΩ
In DC Applications
Recommendedvoltage≤1,000VDC
Environmental Test Data
Test
IEC Publication
Procedure
Vibration
IEC 60068–2–6 Test Fc
3 directions at 2 hours each 10 – 500 Hz at 0.75 mm or 98 m/s2
Bump
IEC 60068–2–29 Test Eb
4,000 bumps at 390 m/s2
Solderability
IEC 60068–2–20 Test Ta
Solder globule method
Active Flammability
IEC 60384–14
Passive Flammability
IEC 60384–14
Needle-flametest
Humidity
IEC 60068–2–3 Test Ca
+40°Cand90–95%RH


Similar Part No. - PME271YB4100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271YB4680M KEMET-PME271YB4680M Datasheet
56Kb / 4P
   EMI suppressor, classes X1, X2 and Y2, metallized paper
logo
List of Unclassifed Man...
PME271YB4680MR30 ETC1-PME271YB4680MR30 Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271YB4680MR30 KEMET-PME271YB4680MR30 Datasheet
55Kb / 1P
   Capacitor, film, 6800 pF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=15.2 mm
PME271YB4680MR30 KEMET-PME271YB4680MR30 Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
More results

Similar Description - PME271YB4100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
logo
List of Unclassifed Man...
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com