Electronic Components Datasheet Search |
|
PME271YA4100MR30 Datasheet(PDF) 2 Page - Kemet Corporation |
|
PME271YA4100MR30 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 14 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3017_PME271YA_Y2_300 • 5/19/2016 2 Film Capacitors AC Line EMI Suppression and RC Networks – PME271Y A–E Series Metallized Impregnated Paper, Class Y2, 300 VAC Benefits cont'd • Excellent self-healing properties ensure long life even when subjected to frequent over-voltages • Good resistance to ionization due to impregnated dielectric • High dV/dt capability • Impregnated paper ensures excellent stability and reliability properties, particularly in applications with continuous operation Ordering Options Table Lead Spacing Nominal (mm) Type of Leads and Packaging Lead Length (mm) KEMET Lead and Packaging Code Legacy Lead and Packaging Code 10.2 Standard Lead and Packaging Options Bulk (Bag) – Short Leads 6+0/−1 C R06 Bulk (Bag) – Max Length Leads 30+5/−0 A R30 Tape & Reel (Standard Reel) H 0=18.5+/−0.5 L R19T0 Other Lead and Packaging Options Tape & Reel (Large Reel) H 0=18.5+/−0.5 P R19T1 Native 10.2 formed to 7.5 Ammo Pack H 0=16.5+/−0.5 LAF3 R30XA 15.2 Standard Lead and Packaging Options Bulk (Bag) – Short Leads 6+0/−1 C R06 Bulk (Bag) – Max Length Leads 30+5/−0 A R30 Tape & Reel (Standard Reel) H 0=18.5+/−0.5 L R19T0 Other Lead and Packaging Options Tape & Reel (Large Reel) H 0=18.5+/−0.5 P R19T1 20.3 Standard Lead and Packaging Options Bulk (Tray) – Short Leads 6+0/−1 C R06 Bulk (Bag) – Max Length Leads 30+5/−0 A R30 Tape & Reel (Standard Reel) H 0=18.5+/−0.5 L R19T0 Other Lead and Packaging Options Tape & Reel (Large Reel) H 0=18.5+/−0.5 P R19T1 22.5 Standard Lead and Packaging Options Bulk (Tray) – Short Leads 6+0/−1 C R06 Bulk (Bag) – Max Length Leads 30+5/−0 A R30 Tape & Reel (Standard Reel) H 0=18.5+/−0.5 L R19T0 Other Lead and Packaging Options Tape & Reel (Large Reel) H 0=18.5+/−0.5 P R19T1 |
Similar Part No. - PME271YA4100MR30 |
|
Similar Description - PME271YA4100MR30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |