Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62709N Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB62709N
Description  TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62709N Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB62709N Datasheet HTML 3Page - Toshiba Semiconductor TB62709N Datasheet HTML 4Page - Toshiba Semiconductor TB62709N Datasheet HTML 5Page - Toshiba Semiconductor TB62709N Datasheet HTML 6Page - Toshiba Semiconductor TB62709N Datasheet HTML 7Page - Toshiba Semiconductor TB62709N Datasheet HTML 8Page - Toshiba Semiconductor TB62709N Datasheet HTML 9Page - Toshiba Semiconductor TB62709N Datasheet HTML 10Page - Toshiba Semiconductor TB62709N Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
590
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
TOSHIBA Bi-CMOS Integrated
Circuit Silicon Monolithic
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TB62709N/F
TB62709N/F
TB62709N/F
TB62709N/F
TB62709N/F
Operation
Serial data is input on the DATA-IN terminal beginning with the most significant bit (MSB). Data
is clocked through the 16 bit shift register on the rising edge of the clock. A Low to High transi-
tion on the LOAD input following the 16th (LSB) bit latches the 16 bit word into the 16 bit D-type
latch.
Expansion beyond four digits is possible through the use of a cascade connection from the
DATA-OUT terminal. The data-out lags data-in by one bit through the data-out terminal.
Each 16 bit word typically includes 8 address bits and 8 data bits. The first four data bits,
beginning with D15 (MSB) ~ D12 select the Action mode (see figure 1). These global com-
mands determine the overall function the device is to perform and includes Blank, Normal
Operation, Load Register, All On and Stand-by. Data bits D11~D8 select the particular register to
be loaded (see figure 2) should the load register function be selected. Data bits D7~D0 (LSB)
define the specific commands required to program the display and define the brightness setting
(duty cycle).
Figure 1. Action Mode
“x” indicates that data is required in this field to execute the function. “-” indicates that data in
this field is not required and not recognized.
Data Input
Data is input on the SERIAL-IN terminal. Each 16 bit serial word includes an address (D15 ~ D8)
and data (D7 ~ D0). A low to high transition load command on the LOAD terminal loads the data
into the appropriate registers following the 16th clock pulse.
REGISTER DATA
INITIAL
STATE
FUNCTION
D15
D14
D13
D12
D11~D8
D7~D4
D3~D0
Hex Code
Blank
(OUTn & Digit 0~3 All Off)
0
0
0
0
0 - - - H
Normal Operation
0
0
0
1
1 - - - H
Load Register
(Duty, Decode, Digit & Data)
0
0
1
0
X
X
X
2 xxx H
All On (OUTn ALL On)
0
0
1
1
3 - - - H
Stand-By
0
1
0
0
4 - - - H


Similar Part No. - TB62709N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709N TOSHIBA-TB62709N Datasheet
987Kb / 24P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results

Similar Description - TB62709N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1245N TOSHIBA-TB1245N Datasheet
1Mb / 101P
   TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB9067FNG TOSHIBA-TB9067FNG Datasheet
3Mb / 31P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-05
TB31262F TOSHIBA-TB31262F Datasheet
273Kb / 26P
   TOSHIBA Bi- CMOS Integrated Circuit Silicon Monolithic
logo
Marktech Corporate
TB62713N MARKTECH-TB62713N Datasheet
770Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB32301 TOSHIBA-TB32301 Datasheet
1Mb / 17P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9058FNG TOSHIBA-TB9058FNG Datasheet
676Kb / 45P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-22
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG_15 Datasheet
317Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB6585FG TOSHIBA-TB6585FG Datasheet
492Kb / 29P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9062FNG TOSHIBA-TB9062FNG Datasheet
858Kb / 30P
   Toshiba Bi-CMOS integrated circuit silicon monolithic
2019-08-05
TB6605FTG TOSHIBA-TB6605FTG Datasheet
1Mb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2015-04-23
TB9061AFNG TOSHIBA-TB9061AFNG Datasheet
678Kb / 33P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com