Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2901H Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TB2901H
Description  Maximum Power 47 W BTL4-ch Audio Power IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2901H Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TB2901H Datasheet HTML 9Page - Toshiba Semiconductor TB2901H Datasheet HTML 10Page - Toshiba Semiconductor TB2901H Datasheet HTML 11Page - Toshiba Semiconductor TB2901H Datasheet HTML 12Page - Toshiba Semiconductor TB2901H Datasheet HTML 13Page - Toshiba Semiconductor TB2901H Datasheet HTML 14Page - Toshiba Semiconductor TB2901H Datasheet HTML 15Page - Toshiba Semiconductor TB2901H Datasheet HTML 16Page - Toshiba Semiconductor TB2901H Datasheet HTML 17Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TB2901H
2002-11-06
15
Output power
POUT (W)
THD – POUT (ch1)
Output power
POUT (W)
Output power
POUT (W)
THD – POUT (ch2)
THD – POUT (ch3)
Output power
POUT (W)
THD – POUT (ch4)
0.1
100
0.3
1
30
f
= 1 kHz
RL = 2 W
All drive
0.5
10
35
50
13.2 V
VCC = 9.0 V
16.0 V
0.01
0.1
1
0.03
0.05
0.3
0.5
10
3
5
100
30
50
0.1
100
0.3
1
30
f
= 1 kHz
RL = 2 W
All drive
0.5
10
3
5
50
13.2 V
VCC = 9.0 V
16.0 V
0.01
0.1
1
0.03
0.05
0.3
0.5
10
3
5
100
30
50
0.1
100
0.3
1
30
f
= 1 kHz
RL = 2 W
All drive
0.5
10
3
5
50
13.2 V
VCC = 9.0 V
0.01
0.1
1
0.03
0.05
0.3
0.5
10
3
5
100
30
50
16.0 V
0.1
100
0.3
1
30
f
= 1 kHz
RL = 2 W
All drive
0.5
10
35
50
16.0 V
0.01
0.1
1
0.03
0.05
0.3
0.5
10
3
5
100
30
50
13.2 V
VCC = 9.0 V


Similar Part No. - TB2901H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
More results

Similar Description - TB2901H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2913HQ TOSHIBA-TB2913HQ Datasheet
328Kb / 15P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2932HQ TOSHIBA-TB2932HQ Datasheet
436Kb / 37P
   Maximum Power 49 W BTL 횞 4-ch Audio Power IC
TB2921HQ TOSHIBA-TB2921HQ Datasheet
213Kb / 11P
   Maximum Power 50 W BTL × 4-ch Audio Power IC
2006-05-25
TB2912HQ TOSHIBA-TB2912HQ Datasheet
586Kb / 40P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-04-28
TA8276H TOSHIBA-TA8276H Datasheet
249Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TA8276HQ TOSHIBA-TA8276HQ Datasheet
258Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TB2929HQ(O) TOSHIBA-TB2929HQ(O) Datasheet
269Kb / 17P
   45W 횞 4-ch BTL Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com