Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2512JKF7W0R05E Datasheet(PDF) 6 Page - YAGEO Corporation

Part # PA2512JKF7W0R05E
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PA2512JKF7W0R05E Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button PA2512JKF7W0R05E Datasheet HTML 2Page - YAGEO Corporation PA2512JKF7W0R05E Datasheet HTML 3Page - YAGEO Corporation PA2512JKF7W0R05E Datasheet HTML 4Page - YAGEO Corporation PA2512JKF7W0R05E Datasheet HTML 5Page - YAGEO Corporation PA2512JKF7W0R05E Datasheet HTML 6Page - YAGEO Corporation PA2512JKF7W0R05E Datasheet HTML 7Page - YAGEO Corporation PA2512JKF7W0R05E Datasheet HTML 8Page - YAGEO Corporation PA2512JKF7W0R05E Datasheet HTML 9Page - YAGEO Corporation PA2512JKF7W0R05E Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Dec. 01, 2016 V.5
Product specification
6
10
SERIES
PA_E
2512
HBK039
Fig. 7 Reel
REEL SPECIFICATION
SIZE
QUANTITY
PER REEL
REEL SIZE
SYMBOL
Unit: mm
8 mm
TAPE WIDE
12 mm
TAPE WIDE
A
N
C
D
W1
W2 MAX.
PA2512
4000
--
7"
(Ø 178 mm)
178.0± 1.0
60.0+1/-0
13.50± 0.5
21.0± 0.8
13.6± 0.5
16.5± 0.5
Table 5 Dimensions of reel specification for relevant chip resistors size
LEADER/TRAILER TAPE SPECIFICATION
CCB325
Fig. 8 Leader/Trailer Tape


Similar Part No. - PA2512JKF7W0R05E

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512JKF7W0R05 YAGEO-PA2512JKF7W0R05 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
More results

Similar Description - PA2512JKF7W0R05E

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com