Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2512FKF7W0R05E Datasheet(PDF) 8 Page - YAGEO Corporation

Part # PA2512FKF7W0R05E
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PA2512FKF7W0R05E Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button PA2512FKF7W0R05E Datasheet HTML 2Page - YAGEO Corporation PA2512FKF7W0R05E Datasheet HTML 3Page - YAGEO Corporation PA2512FKF7W0R05E Datasheet HTML 4Page - YAGEO Corporation PA2512FKF7W0R05E Datasheet HTML 5Page - YAGEO Corporation PA2512FKF7W0R05E Datasheet HTML 6Page - YAGEO Corporation PA2512FKF7W0R05E Datasheet HTML 7Page - YAGEO Corporation PA2512FKF7W0R05E Datasheet HTML 8Page - YAGEO Corporation PA2512FKF7W0R05E Datasheet HTML 9Page - YAGEO Corporation PA2512FKF7W0R05E Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Dec. 01, 2016 V.5
Product specification
8
10
SERIES
PA_E
2512
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENT
Short time
overload
IEC60115-1 4.13
5 times of rated power for 5 seconds at
room temperature
± (0.5%+0.0005Ω)
No visible damage
High Temperature
Exposure
MIL-STD-202-Method 108
1,000 hours at maximum operating
temperature depending on specification,
unpowered
No direct impingement of forced air to
the parts Tolerances: 170± 3ºC
± (1.0%+0.0005Ω)
Temperature
Cycling
JESD22-A104C
1,000 cycles, -55/+125ºC for 1 cycle per
hour
± (0.5%+0.0005Ω)
Moisture
Resistance
MIL-STD-202-Method 106
Each temperature / humidity cycle is
defined at 8 hours (method 106F), 3
cycles / 24 hours for 10d with 25ºC /
65ºC 95% R.H, without steps 7a & 7b,
unpowered
± (0.5%+0.0005Ω)
Biased
Humidity
MIL-STD-202 Method 103
1,000 hours; 85ºC / 85% RH
10% of operating power
± (0.5%+0.0005Ω)
Operational Life/
Endurance
MIL-STD-202-Method 108
1,000 hours at 125± 3ºC, de-rated voltage
applied for 1.5 hours on, 0.5 hour off, still-
air required
± (1.0%+0.0005Ω)
1,000 hours at 70± 2ºC applied RCWV
1.5 hours on, 0.5 hour off, still air required
± (1.0%+0.0005Ω)
Resistance to
Solvents
MIL-STD-202 Method 215
Immerse in isopropyl alcohol for 5 min
with ultrasonic at room temperature
No Visible damage
Mechanical Shock
MIL-STD-202 Method 213
Three shocks in each direction shall be
applied along the three mutually
perpendicular axes of the test specimen.
Peak value: 100 g’s
Duration: 6 ms
Velocity change: 12.3 ft/s
Waveform: Half sine
± (0.5%+0.0005Ω)
Vibration
MIL-STD-202 Method 204
5 g’s for 20 min., 12 cycles each of 3
orientations
Test from 10-2000 Hz.
± (0.5%+0.0005Ω)
Resistance to
Soldering Heat
MIL-STD-202-method 210
Condition B, no pre-heat of samples
Leadfree solder, 260ºC, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
± (0.5%+0.0005Ω)
No visible damage
Thermal Shock
MIL-STD-202 Method 107
-55/+125ºC, Number of cycles is 300.
Devices mounted.
Maximum transfer time is 20 seconds.
Dwell time is 15 minutes. Air -Air
± (0.5%+0.0005Ω)
No visible damage
Table 8 Test condition, procedure and requirements


Similar Part No. - PA2512FKF7W0R05E

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF7W0R05 YAGEO-PA2512FKF7W0R05 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
More results

Similar Description - PA2512FKF7W0R05E

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com