Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7291AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA7291AP
Description  Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA7291AP Datasheet HTML 1Page - Toshiba Semiconductor TA7291AP Datasheet HTML 2Page - Toshiba Semiconductor TA7291AP Datasheet HTML 3Page - Toshiba Semiconductor TA7291AP Datasheet HTML 4Page - Toshiba Semiconductor TA7291AP Datasheet HTML 5Page - Toshiba Semiconductor TA7291AP Datasheet HTML 6Page - Toshiba Semiconductor TA7291AP Datasheet HTML 7Page - Toshiba Semiconductor TA7291AP Datasheet HTML 8Page - Toshiba Semiconductor TA7291AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TA7291AP/AS(J)/AF
2003-02-14
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA7291AP,TA7291AS(J),TA7291AF
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
The TA7291AP/TA7291AS (J)/TA7291AF is a full-bridge driver to
control the forward and reverse rotations. Each driver can select
one of four modes: CW, CCW, stop, brake.
The TA7291AP is designed to provide output currents of 1.0 A (typ.)
and 2.0 A (peak). The TA7291AS (J)/TA7291AF is designed to
provide output currents of 0.4 A (typ.) and 1.2 A (peak).
There are two different power supply pins for each driver: one on
the output side and the other on the control side of the driver. Also,
there is the Vref pin on the output side. This pin is available for
adjusting the voltage supplied to the motor.
The input circuit of the driver is compatible with CMOS logic
because it draws a small amount of input current.
Features
· Wide range of operating voltage: VCC (opr.) = 4.5 V to 27 V
: VS (opr.) = 4.5 V to 27 V
: Vref (opr.) = 4.5 V to 27 V
Vref must be ≤ VS.
· Output current: AP type 1.0 A (typ.) 2.0 A (peak)
: AS (J)/AF type 0.4 A (typ.) 1.2 A (peak)
· Thermal shutdown and overcurrent protection
· Flyback diodes
· Hysteresis for all inputs
· Standby mode available
TA7291AP
TA7291AS (J)
TA7291AF
Weight
HSIP10-P-2.54: 2.47 g (typ.)
SIP9-P-2.54A: 0.92 g (typ.)
HSOP16-P-300-1.00: 0.50 g (typ.)


Similar Part No. - TA7291AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7291F TOSHIBA-TA7291F Datasheet
441Kb / 13P
   BRIDGE DRIVER
TA7291F TOSHIBA-TA7291F Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291F/FG TOSHIBA-TA7291F/FG Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291FG TOSHIBA-TA7291FG Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291P TOSHIBA-TA7291P Datasheet
441Kb / 13P
   BRIDGE DRIVER
More results

Similar Description - TA7291AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com