Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0805CM030KTT Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # PE-0805CM030KTT
Description  RF Chip Inductors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0805CM030KTT Datasheet(HTML) 6 Page - Pulse A Technitrol Company

Back Button PE-0805CM030KTT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0805CM030KTT Datasheet HTML 3Page - Pulse A Technitrol Company PE-0805CM030KTT Datasheet HTML 4Page - Pulse A Technitrol Company PE-0805CM030KTT Datasheet HTML 5Page - Pulse A Technitrol Company PE-0805CM030KTT Datasheet HTML 6Page - Pulse A Technitrol Company PE-0805CM030KTT Datasheet HTML 7Page - Pulse A Technitrol Company PE-0805CM030KTT Datasheet HTML 8Page - Pulse A Technitrol Company PE-0805CM030KTT Datasheet HTML 9Page - Pulse A Technitrol Company PE-0805CM030KTT Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
WC701.O (01/15)
www.pulseelectronics.com
5
Pulse Jack
E l e c t r o n i c s
perFormanCe speCiFiCations
Wire-Wound rF Chip induCtors
Electrical Specifications
Mechanical Shock
Moisture Resistance
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Series
Parts per
Reel
A
B
C
D
E
W
P1
P2
P3
H
T
0402CD
3000
178
50
13
14.4
8.4
8
2
4
4
1.1
0.3
0603CD
2000
178
50
13
14.4
8.4
8
2
4
4
1.7
0.3
0805CD
2000
178
50
13
14.4
8.4
8
2
4
4
2.1
0.3
0805CM
2000
178
50
13
14.4
8.4
8
2
4
4
2.1
0.3
0805FT
2000
178
50
13
14.4
8.4
8
2
4
4
2.1
0.3
1008CD
1600
178
50
13
14.4
8.4
8
2
4
4
2.6
0.3
1008CM
1600
178
50
13
14.4
8.4
8
2
4
4
2.6
0.3
1008CQ
1600
178
50
13
14.4
8.4
8
2
4
4
2.6
0.3
1206CD
3000
330
101
13
18.4
12.4
12
2
4
4
2.0
0.4
Notes: P1, P2 and P3 are same for all chip inductor series. Keeping the same dimensions for guide hole and pocket pitch (P1), pocket pitch (P2), guide hold pitch (P3)
and tape width (8mm) for all series, enables the packaging machine to maintain the same settings while changing models. The only difference between the series are
the parts per reel which contributes to a different length of tapes/reel per model.
Vibration (Random)
Samplers are subjected to random
vibrations as per NAVMAT P9492
The inductors shall withstand
a minimum force of 1000 g's in any
direction usin a dynamometer
force guage.
Inductors are subjected to one half
sine wave pulse (8700 g's for 0.3ms)
in each directional axis for a total of
18 shocks
Reflow Inductors on to test pads using
63 Sn/37 Pb solder paste (IR Reflow
profile = 200�C for 30 seconds or peak
235�C for 20 seconds)
There shall be no deformation
Inductance shall not change
Q values shall not change
or change in appearance
by more than
±5%
by more than
±10%
Tape and Reel Specifications
Reels Dimensions (mm)
Tape Dimensions (mm)


Similar Part No. - PE-0805CM030KTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0805CM030KTT PULSE-PE-0805CM030KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-0805CM030KTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402CD1N0KTG PULSE-PE-0402CD1N0KTG Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com