Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S0402-12NJ Datasheet(PDF) 1 Page - API Delevan

Part No. S0402-12NJ
Description  Hi-Rel Surface Mount Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

S0402-12NJ Datasheet(HTML) 1 Page - API Delevan

  S0402-12NJ Datasheet HTML 1Page - API Delevan S0402-12NJ Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual Size (Max.)
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
S0402
SERIES
8500
7000
4700
4800
4400
3900
3600
3280
2800
2480
2350
2100
1700
1620
250
250
250
250
250
250
250
250
250
250
250
250
250
250
18
18
14
19
20
20
21
23
24
23
23
19
21
20
2.2
3.3
4.7
6.8
8.2
10.0
12.0
15.0
22.0
27.0
33.0
47.0
56.0
68.0
950
800
600
600
600
475
475
475
400
400
400
150
100
100
SERIES S0402
-2N2J
-3N3J
-4N7J
-6N8J
-8N2J
-10NJ
-12NJ
-15NJ
-22NJ
-27NJ
-33NJ
-47NJ
-56NJ
-68NJ
0.090
0.080
0.150
0.100
0.130
0.210
0.220
0.220
0.350
0.360
0.370
0.830
1.000
1.180
Inductance Tolerance Options H (± 3%), G (± 2%), F (± 1%)
Physical Parameters
Inches
Millimeters
D
0.006 - 0.010
0.152 - 0.254
A
0.037 - 0.043
0.940 -1.092
B
0.018 - 0.025
0.457 - 0.635
C
0.030 Max.
0.762 Max.
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient +35°C Rise
Insulation Resistance at 100 Vdc 1000 Mohm Min.
Dielectric Withstanding Voltage (DWV) 200 Vrms.
Core Material / Termination
Al2 O3 / Sintered MoMn / Electroplated Ni /
Electroplated Au Finish (RoHS)
Termination Options: 1. Au Finish (RoHS)
2. SnPb Solder
3. Pb Free Solder (RoHS)
Electrical Characteristics Measured at +25°C
Hi-Rel Surface Mount
Chip Inductors
3/2012
Ordering Option Code
S
C
B
D
E
Screening Level
MIL-STD-981
MIL-STD-981
MIL-STD-981
MIL-STD-981
High
Class “S”
Class “S” Modified
Class “B”
Class “B” Modified
Temp
Test
Method
Thermal Shock
MIL-PRF-83446
25 Cycles 1/
25 Cycles
25 Cycles 1/
25 Cycles
5 Cycles
(-55°C to +125°C)
(-55°C to +125°C)
(-55°C to +125°C)
(-55°C to +125°C)
(-55°C to +175°C)
No-Load Burn-In
MIL-STD-981
125°C (96 hours)
125°C (96 hours)
125°C (96 hours)
125°C (96 hours)
200°C (96 hours)
Dielectric Withstanding Voltage
MIL-PRF-83446
200 Vrms
200 Vrms
Insulation Resistance
MIL-PRF-83446
1000 Mohms
1000 Mohms
Electrical Characteristics: L, Q, DCR, SRF
MIL-PRF-83446
Radiographic Inspection
MIL-STD-981
Visual & Dimensional Examination (external)
MIL-PRF-83446
Electrical Characteristics (initial): L, Q, DCR, SRF
MIL-PRF-83446
Low Temperature Operation
MIL-PRF-83446
Temperature Rise
MIL-PRF-83446
Overload
MIL-PRF-83446
Moisture Resistance
MIL-PRF-83446
Electrical Characteristics: L and Q
MIL-PRF-83446
High Temperature Exposure
MIL-PRF-83446
Electrical Characteristics (final)
MIL-PRF-83446
Bond Strength
MIL-PRF-83446
Visual & Mechanical Examination (external)
MIL-PRF-83446
Visual & Mechanical Examination (internal)
MIL-STD-981
Solderability
MIL-PRF-83446
Electrical Characteristics (initial): L, Q, DCR, SRF
MIL-PRF-83446
Life
MIL-PRF-83446
2000 Hours
500 Hours
500 Hours
(90°C Ambient)
(90°C Ambient)
(175°C Ambient)
Dielectric Withstanding Voltage
MIL-PRF-83446
80 Vrms
80 Vrms
Insulation Resistance
MIL-PRF-83446
1000 Mohms
1000 Mohms
Electrical Characteristics (final): L, Q, DCR, SRF
MIL-PRF-83446
Visual & Mechanical Examination (external)
MIL-PRF-83446
Mechanical Shock/Vibration
MIL-STD-883
*Destructive Test Units Required
S0402 Test Plan Advantages
• Provides multiple screening alternatives
• Eliminates necessity for SCD’s
• Provides quicker delivery
• Reduces overall costs
*
S0402 Test Plan Options
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
(A) Inductor Series
(B) Inductance Value
(C) Inductance Tolerance
(D) Termination Finish
(E) Test Plan Screening
How To Order:
S0402
8N2
G
2
S
(A)
(B)
(C) (D) (E)
1/ Continually monitor continuity during the entire final cycle to verify no intermittent conditions.
0402:APIcatalog_newlayouts 4/5/12 5:53 PM Page 1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn