Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUB75N06-12L Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUB75N06-12L
Description  N-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUB75N06-12L Datasheet(HTML) 3 Page - Vishay Siliconix

  SUB75N06-12L Datasheet HTML 1Page - Vishay Siliconix SUB75N06-12L Datasheet HTML 2Page - Vishay Siliconix SUB75N06-12L Datasheet HTML 3Page - Vishay Siliconix SUB75N06-12L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUP/SUB75N06-12L
Vishay Siliconix
Document Number: 70807
S-59182—Rev. B, 07-Sep-98
www.vishay.com
S FaxBack 408-970-5600
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0
20406080
100
120
0
20
40
60
80
100
0
102030405060
0.005
0.008
0.011
0.014
0.017
0.020
0
20406080
100
0
30
60
90
120
012345
0
40
80
120
160
200
02468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
25
_C
–55
_C
3 V
TC = 125_C
VDS = 30 V
ID = 75 A
VGS = 10 thru 5 V
VGS = 10 V
Crss
TC = –55_C
25
_C
125
_C
4 V
VGS = 4.5 V
2 V
0
1000
2000
3000
4000
5000
0
1224364860
Ciss
Coss


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn