Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52342 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M52342
Description  PLL-SPLIT VIF/SIF IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52342 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M52342 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MITSUBISHI ICs (TV)
M52342FP
PLL-SPLIT VIF/SIF IC
9
Pin 4, Pin 5 (VIF INPUT)
Pin 6, Pin 7, Pin 8 (GND)
Pin 9 (QIF INPUT, INTER SW)
Pin 10 (IF AGC FILTER)
It should be designed considering careful impedance matching with the
SAW filter.
SAW
Bias
1.2k
terminal voltage : 1.45V
1.2k
5
4
7
They are all ground pins.
8
6
Bias
1.5k
1.5k
5k
SAW
Inter
Inter/Split
terminal voltage : 2.4V
The input impedance is 1.5k
Ω.
In the intercarrier system application, the intercarrier output is available
in pin 15 by connecting pin 9 to ground.
9
1k
VCC
0
[IF input]
weak
electric field
strong
electric field
[V10]
In spite of the 1-pin filter configuration, 2-pin filter
characteristics are available by utilizing the dynamic AGC circuit.
10


Similar Part No. - M52342

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52342 MITSUBISHI-M52342 Datasheet
96Kb / 14P
   PLL-SPLIT VIF/SIF IC
logo
Renesas Technology Corp
M52342FP RENESAS-M52342FP Datasheet
176Kb / 19P
   PLL-Split VIF/SIF IC
logo
Mitsubishi Electric Sem...
M52342SP MITSUBISHI-M52342SP Datasheet
96Kb / 14P
   PLL-SPLIT VIF/SIF IC
More results

Similar Description - M52342

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52342SP MITSUBISHI-M52342SP Datasheet
96Kb / 14P
   PLL-SPLIT VIF/SIF IC
M52765FP MITSUBISHI-M52765FP Datasheet
122Kb / 15P
   PLL-SPLIT VIF/SIF IC
logo
Renesas Technology Corp
M52334FP RENESAS-M52334FP Datasheet
163Kb / 19P
   PLL-Split VIF/SIF IC
M52342FP RENESAS-M52342FP Datasheet
176Kb / 19P
   PLL-Split VIF/SIF IC
logo
Mitsubishi Electric Sem...
M52761SP MITSUBISHI-M52761SP Datasheet
53Kb / 7P
   PLL-SPLIT VIF/SIF IC
M52334FP MITSUBISHI-M52334FP Datasheet
84Kb / 12P
   PLL-SPLIT VIF/SIF IC
M52760SP MITSUBISHI-M52760SP Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M52769FP MITSUBISHI-M52769FP Datasheet
220Kb / 17P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com