Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02067-E-EVM Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M02067-E-EVM
Description  3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067-E-EVM Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M02067-E-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02067 -12/-13
9
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
3.0 Functional Description
3.1
Overview
The M02067 laser driver consists of a high-speed modulation driver and a laser bias generator with mean power
control (MPC). It is optimized for high speed, low power operation at 3.3V supply. Figure 3-1 demonstrates the
functionallity of the M02067.
Figure 3-1.
M02067 Block Diagram
X100
X60
Failure
Detect
DIS
ENA
55
55
FAIL
X1
OCA
DATA
BIASMON
MODMON
IBIAS
IMOD
OUT-
OUT+
VCC
IBIAS
RMPCSET
VCC
CMPC
VREF
PD
OCASET
RD
GNDA
RSHUNT
CSHUNT
VCC


Similar Part No. - M02067-E-EVM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02067-E-EVM MA-COM-M02067-E-EVM Datasheet
414Kb / 20P
   Rise and fall times <150 ps
More results

Similar Description - M02067-E-EVM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com