Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST2310DHI Datasheet(PDF) 2 Page - STMicroelectronics

Part No. ST2310DHI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

ST2310DHI Datasheet(HTML) 2 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
2.3
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 1500 V
VCE = 1500 V
TJ = 125
oC
1
2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 4 V
70
210
mA
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 800 mA
7
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 7 A
IB = 1.75 A
3
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 7 A
IB = 1.75 A
1.1
V
hFE
DC Current Gain
IC = 1 A
VCE = 5 V
IC = 7 A
VCE = 1 V
IC = 7 A
VCE = 5 V
5.5
15
5
8.5
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 5 A
f = 32 KHz
IB(on) = 0.9 A
VBE(off) = -2.5 V
LBB(off) = 1.9
µH
(see figure 1)
2
0.25
2.5
0.5
µs
µs
Vf
Diode Forward Voltage
IC = 7 A
1.5
2.2
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
ST2310DHI
2/6


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn