Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST2310DHI Datasheet(PDF) 1 Page - STMicroelectronics

Part No. ST2310DHI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

ST2310DHI Datasheet(HTML) 1 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST2310DHI
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
NEW SERIES, ENHANCED PERFORMANCE
s
FULLY INSULATED PACKAGE (U.L.
COMPLIANT) FOR EASY MOUNTING
s
INTEGRATED FREE WHEELING DIODE
s
HIGH VOLTAGE CAPABILITY (> 1500 V)
s
HIGH SWITCHING SPEED
s
TIGTHER hfe CONTROL
s
IMPROVED RUGGEDNESS
APPLICATIONS:
s
HORIZONTAL DEFLECTION HIGH END TVS
DESCRIPTION
The device is manufactured using Diffused
Collector technology for more stable operation Vs
base drive circuit variations resulting in very low
worst case dissipation.
®
INTERNAL SCHEMATIC DIAGRAM
April 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
1500
V
VCEO
Collector-Emitter Voltage (IB = 0)
600
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
12
A
ICM
Collector Peak Current (tp < 5 ms)
25
A
IB
Base Current
7
A
Ptot
Total Dissipation at Tc = 25
oC55
W
Visol
Insulation Withstand Voltage (RMS) from All
Three Leads to External Heatsink
2500
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
ISOWATT218
RBE =32
Typ.
1/6


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn