Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C519C5GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C519C5GACTU
Description  Ceramic, Commercial-(CxxxxC), 5.1 pF, /-0.25 pF, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C519C5GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C519C5GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 338163f1-3c79-4828-b9ba-eeb714c3f940
KEMET Part Number: C0805C519C5GACTU
(C0805C519C5GAC7800)
Ceramic, Commercial-(CxxxxC), 5.1 pF, +/-0.25 pF, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.78mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0805
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
Specifications
Capacitance: 5.1 pF
Capacitance Tolerance: +/-0.25 pF
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C519C5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C519C5GACTU KEMET-C0805C519C5GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 5.1 pF, /-0.25pF Tol, 50 V, C0G, 0805 (2012 metric)
More results

Similar Description - C0805C519C5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C519C5GACTU KEMET-C0603C519C5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 5.1 pF, /-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C159C5GACTU KEMET-C0805C159C5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1.5 pF, /-0.25 pF, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C689C5GACTU KEMET-C0805C689C5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 6.8 pF, /-0.25 pF, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C339C5GACTU KEMET-C0805C339C5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3.3 pF, /-0.25 pF, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C479C5GACTU KEMET-C0805C479C5GACTU Datasheet
66Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 pF, /-0.25 pF, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C229C5GACTU KEMET-C0805C229C5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.2 pF, /-0.25 pF, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C109C5GACTU KEMET-C0805C109C5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 pF, /-0.25 pF, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C479C1GACTU KEMET-C0805C479C1GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 pF, /-0.25 pF, 100 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C829C5GACTU KEMET-C0402C829C5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 8.2 pF, /-0.25 pF, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C159C5GACTU KEMET-C0402C159C5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1.5 pF, /-0.25 pF, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com