Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7760BIK Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SPT7760BIK
Description  8-BIT, 1 GSPS FLASH A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT7760BIK Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SPT7760BIK Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7760BIK Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7760BIK Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7760BIK Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7760BIK Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7760BIK Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7760BIK Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7760BIK Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPT
4
3/10/97
SPT7760
GENERAL DESCRIPTION
The SPT7760 is the fastest monolithic 8-bit parallel flash
A/D converter available today. The nominal conversion
rate is 1 GSPS and the analog bandwidth is in excess of
900 MHz. A major advance over previous flash converters
is the inclusion of 256 input preamplifiers between the
reference ladder and input comparators (see block dia-
gram). This not only reduces clock transient kickback to the
input and reference ladder due to a low AC beta but also
reduces the effect of the dynamic state of the input signal on
the latching characteristics of the input comparators. The
preamplifiers act as buffers and stabilize the input capaci-
tance so that it remains constant over different input voltage
Figure 1 - SPT7760 Typical Interface Circuit
and frequency ranges and therefore makes the part easier to
drive than previous flash converters. The preamplifiers also
add a gain of two to the input signal so that each comparator
has a wider overdrive or threshold range to "trip" into or out
of the active state. This gain reduces metastable states that
can cause errors at the output.
The SPT7760 has true differential analog and digital data
paths from the preamplifiers to the output buffers (Current
Mode Logic) for reducing potential missing codes while
rejecting common mode noise.
Signature errors are also reduced by careful layout of the
analog circuitry. The output drive capability of the device can
provide full ECL swings into 50
Ω loads.
50
VIN
VIN
VRTF
VRTS
*
U1
+
-
22
*
U1
22
-5.2 V
2N2907
VRBS
VRBF
50
VIN
-2.0 V
Reference
Convert
50
-2 V
Pulldown
(Analog)
CLK
NCLK
VRM
R
R
FB = Ferrite bead
U1 = OP291 or equivalent with low offset/noise.
R = 1 k
Ω; 0.1% matched.
= AGND
= DGND
U2 = Motorola ECLinPS Lite, MC10EL16, differential receiver.
U3 = MC10EL16 OR MC100EL16.
*
= 10 µF Tantalum Capacitor and 0.1 µF Chip Capacitor
** = Care must be taken to avoid exceeding the maximum rating
for the input, especially during power up sequencing of the
analog input driver.
-5.2 V
*
D8B (OVR)
D7B (MSB)
D6B
D5B
D4B
D3B
D2B
D1B
D0B (LSB)
D8A (OVR)
D7A (MSB)
D6A
D5A
D4A
D3A
D2A
D1A
D0A (LSB)
-2.0 V
Pulldown
(Digital)
.1 µF
U2
U3
DRB (DATA READY)
DRB (DATA READY)
DRA (DATA READY)
DRA (DATA READY)
-2.0 V Pulldown (Digital)
DRB
DRA
DRB
DRA
U3
**
-5.2 V
FB


Similar Part No. - SPT7760BIK

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7760BIK CADEKA-SPT7760BIK Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
More results

Similar Description - SPT7760BIK

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Fairchild Semiconductor
SPT7610 FAIRCHILD-SPT7610 Datasheet
97Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com