Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0201CC560JTT Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-0201CC560JTT
Description  CERAMIC RF CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0201CC560JTT Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-0201CC560JTT Datasheet HTML 1Page - Pulse A Technitrol Company PE-0201CC560JTT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0201CC560JTT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
pulseelectronics.com
Super High Frequency Ceramic
RF Chip Inductors - 0603CC Series
WC705.B (12/14)
110100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
2.2n
6.8n
10n
22n
47n
100n
Impedance v.s.Frequency Characteristics
110100
100010000
FREQUENCY(MHz)
1
10
100
1000
2.2n
6.8n
10n
22n
47n
100n
Inductance v.s.Frequency Characteristics
110100
1000
10000
FREQUENCY(MHz)
1
10
100
2.2n
6.8n
10n
22n
47n
100n
Q v.s.FrequencyCharacteristics
0201CC SERIES
Characteristic Graphs
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzhen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2014. Pulse Electronics, Inc. All rights reserved.


Similar Part No. - PE-0201CC560JTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0201FB PULSE-PE-0201FB Datasheet
2Mb / 17P
   CHIP FERRITE BEADS
PE-0201FB220ST PULSE-PE-0201FB220ST Datasheet
2Mb / 17P
   CHIP FERRITE BEADS
PE-0201FB330ST PULSE-PE-0201FB330ST Datasheet
2Mb / 17P
   CHIP FERRITE BEADS
PE-0201MCMC600ST PULSE-PE-0201MCMC600ST Datasheet
617Kb / 4P
   Multi-Layer Common Mode Chip Choke
PE-0201MCMC900ST PULSE-PE-0201MCMC900ST Datasheet
617Kb / 4P
   Multi-Layer Common Mode Chip Choke
More results

Similar Description - PE-0201CC560JTT

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
   RF ceRaMic chiP inDUcToRs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com