Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0603FB121ST Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part # PE-0603FB121ST
Description  CHIP FERRITE BEADS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603FB121ST Datasheet(HTML) 10 Page - Pulse A Technitrol Company

Back Button PE-0603FB121ST Datasheet HTML 6Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 7Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 8Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 9Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 10Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 11Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 12Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 13Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 14Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.pulseelectronics.com
WC706.C (01/16)
Pulse Jack
E l e c t r o n i c s
FERRITE BEAD EMI SUPPRESSOR
SINGLE TYPE - FB SERIES FOR GENERAL SIGNAL LINE
Impedance Frequency Characteristics (Typical)
PE-01005FB100JTPE-01005FB700ST
110100
1000
10000
0
5
10
15
20
25
30
Z
R
X
110100
1000
10000
0
40
80
120
160
200
Z
R
X
Frequency (MHz)Frequency (MHz)
PE-01005FB121ST
PE-01005FB750ST
110100
1000
10000
0
100
200
300
Z
R
X
110
100
1000
10000
0
100
200
300
Z
R
X
Frequency (MHz)
Frequency (MHz)
PE-0201FB220ST
PE-0201FB330ST
Frequency (MHz)
110100
1000
0
10
20
30
40
50
Z
R
X
110100
1000
0
20
40
60
80
Z
R
X
PE-0402FB100STPE-0402FB121ST
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
1
10
100
1000
10000
0
4
8
12
16
X
Z
R
1
10
100
1000
10000
0
20
40
60
80
100
120
140
160
Z
R
X
PE-01005FB121ST
110100
1000
10000
0
100
200
300
400
Z
R
X
Frequency (MHz)
Imperial Size
A
B
W
T
X
Y
Z
01005
0.4
±0.02
0.1
±0.04/0.03
0.2
±0.02
0.2
±0.02
0.5
~0.7
0.15
~0.2
0.2
~0.25
0201
0.60
±0.03
0.15
±0.005
0.30
±0.03
0.30
±0.03
0.80
0.2
~0.3
0.25
~0.40
0402
1.0
±0.15
0.25
±0.1
0.5
±0.15
0.5
±0.15
1.4
~1.6
0.5
~0.6
0.4
~0.6
0603
1.6
±0.15
0.3
±0.2
0.8
±0.15
0.8
±0.15
0805
2.0(+0.3,
-0.1)
0.5
±0.3
1.25
±0.2
0.85
±0.2
All units in mm
Dimension:
10


Similar Part No. - PE-0603FB121ST

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0603FT121GTG PULSE-PE-0603FT121GTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0603FT121GTS PULSE-PE-0603FT121GTS Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0603FT121GTT PULSE-PE-0603FT121GTT Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0603FT121JTG PULSE-PE-0603FT121JTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0603FT121JTS PULSE-PE-0603FT121JTS Datasheet
2Mb / 28P
   RF Chip Inductors
More results

Similar Description - PE-0603FB121ST

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com