Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0402CC8N2JTT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-0402CC8N2JTT
Description  CERAMIC RF CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0402CC8N2JTT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-0402CC8N2JTT Datasheet HTML 1Page - Pulse A Technitrol Company PE-0402CC8N2JTT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0402CC8N2JTT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WC704.B (1/15)
2
pulseelectronics.com
CERAMIC RF CHIP
INDUCTORS – 0402CC SERIES
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C
Part
Number
Inductance
(nH)
Standard
Tolerance
Q
(Min.)
Test
Frequency
(MHz)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0402CC390JTT
39
±5% (J)
8
100
1200
0.9
200
PE-0402CC470JTT
47
±5% (J)
8
100
1000
1.0
200
PE-0402CC560JTT
56
±5% (J)
8
100
750
1.0
200
PE-0402CC680JTT
68
±5% (J)
8
100
750
1.2
180
PE-0402CC820JTT
82
±5% (J)
8
100
600
1.3
150
PE-0402CC101JTT
100
±5% (J)
8
100
600
1.5
150
PE-0402CC121JTT
120
±5% (J)
8
100
600
1.6
150
PE-0402CC151JTT
150
±5% (J)
8
100
550
3.2
140
PE-0402CC181JTT
180
±5% (J)
8
100
500
3.7
130
PE-0402CC221JTT
220
±5% (J)
8
100
450
4.2
120
PE-0402CC271JTT
270
±5% (J)
8
100
400
4.8
110
0402CC Series
Mechanical
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25
0.020±0.02
0.020±0.02
0.50±0.05
0.50±0.05
1.00±0.05
0.040±0.004
0.0098±0.0039
0.25±0.10
(Unitinmm)
1.50
0.55
0.40
Suggested PCB LAND PATTERN


Similar Part No. - PE-0402CC8N2JTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402C121GTG PULSE-PE-0402C121GTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121GTS PULSE-PE-0402C121GTS Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121GTT PULSE-PE-0402C121GTT Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121JTG PULSE-PE-0402C121JTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121JTS PULSE-PE-0402C121JTS Datasheet
2Mb / 28P
   RF Chip Inductors
More results

Similar Description - PE-0402CC8N2JTT

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
   RF ceRaMic chiP inDUcToRs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com