Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0402CH3N0STT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-0402CH3N0STT
Description  Super Frequency Ceramic RF Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0402CH3N0STT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-0402CH3N0STT Datasheet HTML 1Page - Pulse A Technitrol Company PE-0402CH3N0STT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0402CH3N0STT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WC702.C (12/14)
1
pulseelectronics.com
Super Frequency Ceramic RF
Chip Inductors - 0402CH Series
Monolithic inorganic material construction
Very High Q Values
High Self Resonant Frequency
Industry Standard 0402 (1005) Surface
Mount Land Pattern
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°
Part
Number
Inductance
(nH)
Standard
Tolerance
Test
Frequency
(MHz)
Q min.
Q (Typ.) Frequency (MHz)
IDC
(mA MAX)
RDC
(
Ω MAX)
SRF
(MHz MIN)
300
800
900
1500
1800
PE-0402CH1N0STT
1.0
±0.3nH
100
8
53
129
147
217
244
710
0.07
10000
PE-0402CH1N2STT
1.2
±0.3nH
100
8
45
97
110
156
177
710
0.07
10000
PE-0402CH1N5STT
1.5
±0.3nH
100
8
35
69
76
104
116
710
0.07
8000
PE-0402CH1N8STT
1.8
±0.3nH
100
8
32
61
66
92
100
710
0.07
6000
PE-0402CH2N0STT
2.0
±0.3nH
100
8
38
68
73
94
103
660
0.08
6000
PE-0402CH2N2STT
2.2
±0.3nH
100
8
37
67
71
92
101
660
0.08
6000
PE-0402CH2N4STT
2.4
±0.3nH
100
8
34
54
59
74
86
630
0.09
6000
PE-0402CH2N7STT
2.7
±0.3nH
100
8
30
49
52
67
73
630
0.09
6000
PE-0402CH3N0STT
3.0
±0.3nH
100
8
31
51
54
70
76
570
0.11
6000
PE-0402CH3N3STT
3.3
±0.3nH
100
8
32
54
57
72
79
540
0.12
6000
PE-0402CH3N6STT
3.6
±0.3nH
100
8
33
53
56
71
77
500
0.14
5000
PE-0402CH3N9STT
3.9
±0.3nH
100
8
34
53
56
70
76
490
0.15
4000
PE-0402CH4N2STT
4.3
±0.3nH
100
8
29
47
50
64
71
470
0.16
4000
PE-0402CH4N7STT
4.7
±0.3nH
100
8
30
48
51
65
72
450
0.17
4000
PE-0402CH5N1STT
5.1
±0.3nH
100
8
30
48
51
64
71
430
0.19
4000
PE-0402CH5N6STT
5.6
±0.3nH
100
8
30
48
51
65
71
420
0.2
4000
PE-0402CH6N2STT
6.2
±0.3nH
100
8
31
49
52
66
72
400
0.22
3900
PE-0402CH6N8JTT
6.8
±5%
100
8
28
44
49
59
64
390
0.23
3900
PE-0402CH7N5JTT
7.5
±5%
100
8
28
45
50
60
65
370
0.25
3700
PE-0402CH8N2JTT
8.2
±5%
100
8
29
46
50
62
66
360
0.27
3600
PE-0402CH8N2JTT
9.1
±5%
100
8
29
45
49
59
62
350
0.29
3400
PE-0402CH100JTT
10
±5%
100
8
28
45
48
57
60
330
0.31
3200
PE-0402CH120JTT
12
±5%
100
8
26
40
45
51
52
300
0.39
2700
PE-0402CH150JTT
15
±5%
100
8
25
38
42
49
51
280
0.45
2300
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer. (Please note that inductance
4. RDC measured using a Valhalla Scientific model 4100 ATC Digital Ohm meter.
information is not stamped on part, because of the extremely small size).
5. Based on a 15� C maximum temperature rise.
2. Q measured using a HP4291A RF Impedance Analyzer with a HP16193A Text Fixture.
3. SRF measured using a HP8753C Network Analyzer.


Similar Part No. - PE-0402CH3N0STT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402C121GTG PULSE-PE-0402C121GTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121GTS PULSE-PE-0402C121GTS Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121GTT PULSE-PE-0402C121GTT Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121JTG PULSE-PE-0402C121JTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121JTS PULSE-PE-0402C121JTS Datasheet
2Mb / 28P
   RF Chip Inductors
More results

Similar Description - PE-0402CH3N0STT

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com