Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9130LG-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9130LG-T1
Description  Pin-Programmable Dual Controller-Portable PCs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130LG-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9130LG-T1 Datasheet HTML 1Page - Vishay Siliconix SI9130LG-T1 Datasheet HTML 2Page - Vishay Siliconix SI9130LG-T1 Datasheet HTML 3Page - Vishay Siliconix SI9130LG-T1 Datasheet HTML 4Page - Vishay Siliconix SI9130LG-T1 Datasheet HTML 5Page - Vishay Siliconix SI9130LG-T1 Datasheet HTML 6Page - Vishay Siliconix SI9130LG-T1 Datasheet HTML 7Page - Vishay Siliconix SI9130LG-T1 Datasheet HTML 8Page - Vishay Siliconix SI9130LG-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Si9130
Vishay Siliconix
Document Number: 70190
S-40805—Rev. F, 26-Apr-04
www.vishay.com
3
SPECIFICATIONS
Specific Test Conditions
LIMITS
PARAMETER
V+ = 15 V, IVL = IREF = 0 mA, SHDN = ON3 = ON5 = 5 V
Other Digital Input Levels 0 V or 5 V, TA = TMIN to TMAX
MINA
TYPB
MAXA
UNIT
Internal Regulator and Reference (Cont’d)
V+ Shutdown Current
SHDN = ON3 = ON5 = 0 V, V+ = 30 V
25
40
mA
V+ Standby Current
ON3 = ON5 = 0 V, V+ = 30 V
70
110
mA
Quiescent Power Consumption
(both PWM controllers on)
FB5 = CS5 = 5.25 V
FB3 = CS3 = 3.5 V
5.5
8.6
mW
V+ Off Current
FB5 = CS5 = 5.25 V, VL Switched Over to FB5
30
60
mA
Oscillator and Inputs/Outputs
Oscillator Frequency
SYNC = 3.3 V
270
300
330
kHz
Oscillator Frequency
SYNC = 0 V, 5 V
170
200
230
kHz
SYNC High Pulse Width
200
SYNC Low Pulse Width
200
ns
SYNC Rise/Fall Time
Not Tested
200
Oscillator SYNC Range
240
350
kHz
Maximum Duty Cycle
SYNC = 3.3 V
89
92
%
Maximum Duty Cycle
SYNC = 0 V, 5 V
92
95
%
Input Low Voltage
SHDN, ON3, ON5 SYNC
0.8
Input High Voltage
SHDN, ON3, ON5
2.4
V
Input High Voltage
SYNC
VL - 0.5 V
Input Current
SHDN, ON3, ON5 VIN = 0 V, 5 V
"1
mA
DL3/DL5 Sink/Source Current
VOUT = 2 V
1
A
DH3/DH5 Sink/Source Current
BST3 - LX3 = BST5 - LX5 = 4.5 V, VOUT = 2 V
1
A
DL3/DL5 On-Resistance
High or Low
7
DH3/DH5 On-Resistance
High or Low
BST3 - LX3 = BST5 - LX5 = 4.5 V
7
W
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
The main switching outputs track the reference voltage. Loading the reference reduces the main outputs slightly according to the closed-loop gain (AVCL) and
the reference voltage load-regulation error. AVCL for the 3.3-V supply is unity gain. AVCL for the 5-V supply is 1.54.
d.
Since the reference uses VL as its supply, its V+ line regulation error is insignificant.


Similar Part No. - SI9130LG-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130LG-T1 VISHAY-SI9130LG-T1 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130LG-T1-E3 VISHAY-SI9130LG-T1-E3 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
More results

Similar Description - SI9130LG-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130_11 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
   28-Pin Programmable Mixed Signal Controller
03/01/02
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com