Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ300A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ300A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ300A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ300A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ300A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ300A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ300A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ300A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMBJ300A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMBJ5.0--SMBJ440CA
Document Number: SMB601AF
www.gmicroelec.com
1
FEATURES
Glass passivated junction
Low incremental surge resistance, excellent clamping capability
Low profile package with built-in strain relief for surface mounted applications
600W peak pulse power capability with a 10/1000μs
Wave form, repetition rate (duty cycle): 0.01%
Very fast response time
High temperature soldering guaranteed: 250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic over passivated chip
Terminals: solder plated, solderable per MIL-STD-750, method 2026
Polarity: foruni-directional types the color band denotes the cathode, which is postitive with respect to the
anode under normal TVS operation
Mounting position: any Weight: 0.002 ounces, 0.064 grams
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g. SMBJ10C, SMBJ10CA). Electrical characteristics apply in both
directions.
Maximum Ratings and Thermal Characteristics (TA=25 unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform
(NOTE 1,2, FIG.1)
PPPM
Minimum 600
W
Peak pulse current with a 10/1000μs waveform (NOTE 1)
IPPM
See Table Below
A
Typical thermal resistance, junction to ambient ( (NOTE 2)
R θ JA
100.0
℃/W
Peak forward surge current, 8.3ms single half sine-wave uni-directional
only (NOTE 3)
IFSM
100.0
A
Typical thermal resistance, junction to lead
R θ J L
20
℃/W
Operating junction and storage temperature range
TJ, TSTG
-55---+150
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2.
(2) Mounted on minimum recommended pad layout.
(3) Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal.


Similar Part No. - SMBJ300A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ300A LITTELFUSE-SMBJ300A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Microdiode Electronics ...
SMBJ300A CHENDA-SMBJ300A Datasheet
2Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMBJ300A FORMOSA-SMBJ300A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SMBJ300A SECOS-SMBJ300A Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
logo
Socay Electornics Co., ...
SMBJ300A SOCAY-SMBJ300A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ300A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com