Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ250 Datasheet(PDF) 5 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ250
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ250 Datasheet(HTML) 5 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ250 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ250 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ250 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ250 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ250 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMBJ250 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMBJ5.0--SMBJ440CA
Document Number: SMB601AF
www.gmicroelec.com
5
PACKAGE OUTLINE DIMENSIONS
SOLDERING FOOTPRINT
Unit :mm
PACKAGE
INFORMATION
Device
Package
Shipping
SMBJ5.0-SMBJ440CA DO-214AA(SMB)
3000/Tape&Reel
DO-214AA
(SMB)
Dim
Min
Max
A
4.30
4.70
B
3.30
3.70
C
2.00
2.30
D
5.05
5.55
E
0.10
0.30
F
0.95
1.55
G
0.20MAX
H
2.10
2.50
I
1.85
2.15
All Dimensions in mm
A
D
F


Similar Part No. - SMBJ250

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMBJ250 FORMOSA-SMBJ250 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SMBJ250 SEMITECH-SMBJ250 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMBJ250 LUGUANG-SMBJ250 Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Nanjing International G...
SMBJ250 DGNJDZ-SMBJ250 Datasheet
290Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
SMBJ250 ZSELEC-SMBJ250 Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMBJ250

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com