Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9130CG Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SI9130CG
Description  Pin-Programmable Dual Controller-Portable PCs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130CG Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI9130CG Datasheet HTML 5Page - Vishay Siliconix SI9130CG Datasheet HTML 6Page - Vishay Siliconix SI9130CG Datasheet HTML 7Page - Vishay Siliconix SI9130CG Datasheet HTML 8Page - Vishay Siliconix SI9130CG Datasheet HTML 9Page - Vishay Siliconix SI9130CG Datasheet HTML 10Page - Vishay Siliconix SI9130CG Datasheet HTML 11Page - Vishay Siliconix SI9130CG Datasheet HTML 12Page - Vishay Siliconix SI9130CG Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Si9130
Vishay Siliconix
Document Number: 70190
S-40805—Rev. F, 26-Apr-04
www.vishay.com
11
The high-side switch turns off, setting the synchronous rectifier
latch and 60 ns later, the rectifier MOSFET turns on. The low-side
switch stays on until the start of the next clock cycle in continuous
mode, or until the inductor current becomes positive again, in
discontinuous mode. In over-current situations, where the
inductor current is greater than the 100-mV current-limit threshold,
the high-side latch is reset and the high-side gate drive is shut off.
During low-current load requirements, the inductor current will not
deliver the 25-mV minimum current threshold. The Minimum
Current comparator signals the PWM to enter pulse-skipping
mode when the threshold has not been reached. pulse-skipping
mode skips pulses to reduce switching losses, the losses which
decrease efficiency the most at light load. Entering this mode
causes the minimum current comparator to reset the high-side
latch at the beginning of each oscillator cycle.
Soft-Start
To slowly bring up the 3.3-V and 5-V supplies, connect capacitors
from SS3 and SS5 to GND. Asserting ON3 or ON5 starts a 4-A
constant current source to charge these capacitors to 4 V. As the
voltage on these pins ramps up, so does the current limit
comparator threshold, to increase the duty cycle of the MOSFETs
to their maximum level. If ON3 or ON5 are left low, the respective
capacitor is discharged to GND. Leaving the SS3 or SS5 pins
open will cause either controller to reach the terminal over-current
level within 10 ms.
Soft start helps prevent current spikes at turn-on and allows
separate supplies to be delayed using external programmability.
Synchronous Rectifiers
Synchronous rectification replaces the Schottky rectifier with a
MOSFET, which can be controlled to increase the efficiency of the
circuit.
When the high-side MOSFET is switched off, the inductor will try
to maintain its current flow, inverting the inductor’s polarity. The
path of current then becomes the circuit made of the Schottky
diode, inductor and load, which will charge the output capacitor.
The diode has a 0.5-V forward voltage drop, which contributes a
significant amount of power loss, decreasing efficiency. A
low-side switch is placed in parallel with the Schottky diode and
is turned on just after the diode begins to conduct. Because the
rDS(ON) of the MOSFET is low, the I*R voltage drop will not be as
large as the diode, which increases efficiency.
The low-side rectifier is shut off when the inductor current drops
to zero.
Shoot-through current is the result when both the high-side and
rectifying MOSFETs are turned on at the same time.
Break-before-make timing internal to the Si9130 manages this
potential problem. During the time when neither MOSFET is on,
the Schottky is conducting, so that the body diode in the low-side
MOSFET is not forced to conduct.
Synchronous rectification is always active when the Si9130 is
powered-up, regardless of the operational mode.
Gate-Driver Boost
The high-side n-channel drive is supplied by a flying-capacitor
boost circuit (see Figure 4). The capacitor takes a charge from
VL and then is connected from gate to source of the high-side
MOSFET to provide gate enhancement. At power-up, the
low-side MOSFET pulls LX_ down to GND and charges the
BST_ capacitor connected to 5 V. During the second half of the
oscillator cycle, the controller drives the gate of the high-side
MOSFET by internally connecting node BST_ to DH_. This
supplies a voltage 5 V higher than the battery voltage to the gate
of the high-side MOSFET.
Oscillations on the gates of the high-side MOSFET in
discontinuous mode are a natural occurrence caused by the LC
network formed by the inductor and stray capacitance at the LX_
pins. The negative side of the BST_ capacitor is connected to the
LX_ node, so ringing at the inductor is translated through to the
gate drive.
FIGURE 4.
Boost Supply for Gate Drivers
Level
Translator
DH_
BST_
LX_
DL_
VL
PWM
VL
VL
BATTERY
INPUT


Similar Part No. - SI9130CG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130CG VISHAY-SI9130CG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG-T1-E3 VISHAY-SI9130CG-T1-E3 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
More results

Similar Description - SI9130CG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130_11 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
   28-Pin Programmable Mixed Signal Controller
03/01/02
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com