Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ220A Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ220A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ220A Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ220A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ220A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ220A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ220A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ220A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMBJ220A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMBJ5.0--SMBJ440CA
Document Number: SMB601AF
www.gmicroelec.com
4
Type
Dynamic
VWM
IRM
IPPM
VC
V
@IT
VWM
IPPM
Min
Max
m A
V
u A
A
v
SMBJ85
94.4
115
1.0
85
5.0
4.0
151
SMBJ85A
94.4
104
1.0
85
5.0
4.4
137
SMBJ90
100
122
1.0
90
5.0
3.8
160
SMBJ90A
100
111
1.0
90
5.0
4.1
146
SMBJ100
111
136
1.0
100
5.0
3.4
179
SMBJ100A
111
123
1.0
100
5.0
3.7
162
SMBJ110
122
149
1.0
110
5.0
3.1
196
SMBJ110A
122
135
1.0
110
5.0
3.4
177
SMBJ120
133
163
1.0
120
5.0
2.8
214
SMBJ120A
133
147
1.0
120
5.0
3.1
193
SMBJ130
144
176
1.0
130
5.0
2.6
231
SMBJ130A
144
159
1.0
130
5.0
2.9
209
SMBJ150
167
204
1.0
150
5.0
2.2
268
SMBJ150A
167
185
1.0
150
5.0
2.5
243
SMBJ160
178
218
1.0
160
5.0
2.1
287
SMBJ160A
178
197
1.0
160
5.0
2.3
259
SMBJ170
189
231
1.0
170
5.0
2.0
304
SMBJ170A
189
209
1.0
170
5.0
2.2
275
SMBJ180
200
245
1.0
180
5.0
1.9
321
SMBJ180A
200
221
1.0
180
5.0
2.1
291
SMBJ188
209
255
1.0
188
5.0
1.7
344
SMBJ188A
209
231
1.0
188
5.0
2.0
328
SMBJ200
222
272
1.0
200
5.0
1.7
356
SMBJ200A
222
246
1.0
200
5.0
1.9
323
SMBJ220
245
299
1.0
220
5.0
1.5
392
SMBJ220A
245
270
1.0
220
5.0
1.7
355
SMBJ240
267
326
1.0
240
5.0
1.4
428
SMBJ240A
267
295
1.0
240
5.0
1.5
388
SMBJ250
278
340
1.0
250
5.0
1.3
446
SMBJ250A
278
307
1.0
250
5.0
1.5
404
SMBJ300
333
408
1.0
300
5.0
1.1
535
SMBJ300A
333
368
1.0
300
5.0
1.2
485
SMBJ350
389
476
1.0
350
5.0
1.0
624
SMBJ350A
389
430
1.0
350
5.0
1.1
565
SMBJ360
400
489
1.0
360
5.0
0.9
642
SMBJ360A
400
442
1.0
360
5.0
1.0
582
SMBJ400
445
544
1.0
400
5.0
0.8
713
SMBJ400A
445
491
1.0
400
5.0
0.9
646
SMBJ440
489
598
1.0
440
5.0
0.8
784
SMBJ440A
489
540
1.0
440
5.0
0.8
711


Similar Part No. - SMBJ220A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ220A LITTELFUSE-SMBJ220A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Zowie Technology Corpor...
SMBJ220A ZOWIE-SMBJ220A Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMBJ220A FORMOSA-SMBJ220A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Littelfuse
SMBJ220A LITTELFUSE-SMBJ220A Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Socay Electornics Co., ...
SMBJ220A SOCAY-SMBJ220A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ220A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com