Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU7-308-1000 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # LU7-308-1000
Description  Cable assembly - Standardportfolio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

LU7-308-1000 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  LU7-308-1000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LU7-308-1000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Cable assembly - Standardportfolio
RPC-3.50 Plug / RPC-3.50 Jack – RTK 162
LU7-308-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 26.5 GHz
Return loss
≥ 19 dB, DC to 26.5 GHz
Insertion loss
see table available variants
RF-leakage
≥ 100 dB up to 1 GHz
Mechanical data
Minimum bend radius:
Single
25.5 mm
Multiple
50.8 mm
Crush resistance
80N/mm
Environmental data
Temperature range
-40°C to +80°C
2002/95/EC (RoHS)
compliant
Packing
Standard
1 pce in box
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Martin Moder
26/01/12
Herbert Babinger
01/02/12
a00
12-s045
Maik Knoll
01/02/12
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - LU7-308-1000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU7-307-1000 ROSENBERGER-LU7-307-1000 Datasheet
115Kb / 2P
   Cable assembly - Standardportfolio
LU7-307-1500 ROSENBERGER-LU7-307-1500 Datasheet
115Kb / 2P
   Cable assembly - Standardportfolio
LU7-307-2000 ROSENBERGER-LU7-307-2000 Datasheet
115Kb / 2P
   Cable assembly - Standardportfolio
LU7-307-500 ROSENBERGER-LU7-307-500 Datasheet
115Kb / 2P
   Cable assembly - Standardportfolio
More results

Similar Description - LU7-308-1000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU5-104-300 ROSENBERGER-LU5-104-300 Datasheet
539Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-300 ROSENBERGER-LU5-100-300 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-500 ROSENBERGER-LU5-100-500 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-300 ROSENBERGER-LU5-101-300 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-1000 ROSENBERGER-LU5-101-1000 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
LU8-102-500 ROSENBERGER-LU8-102-500 Datasheet
77Kb / 2P
   Cable assembly - Standardportfolio
LU7-153-500 ROSENBERGER-LU7-153-500 Datasheet
79Kb / 2P
   Cable assembly - Standardportfolio
LU7-036-500 ROSENBERGER-LU7-036-500 Datasheet
112Kb / 2P
   Cable assembly - Standardportfolio
LU7-036-1500 ROSENBERGER-LU7-036-1500 Datasheet
112Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-750 ROSENBERGER-LU5-101-750 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
LU7-036-2000 ROSENBERGER-LU7-036-2000 Datasheet
112Kb / 2P
   Cable assembly - Standardportfolio
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com