Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14583-01F01AT2 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA14583-01F01AT2
Description  Bluetooth Low Energy 4.2 SoC with Flash Memory
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583-01F01AT2 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA14583-01F01AT2 Datasheet HTML 1Page - Dialog Semiconductor DA14583-01F01AT2 Datasheet HTML 2Page - Dialog Semiconductor DA14583-01F01AT2 Datasheet HTML 3Page - Dialog Semiconductor DA14583-01F01AT2 Datasheet HTML 4Page - Dialog Semiconductor DA14583-01F01AT2 Datasheet HTML 5Page - Dialog Semiconductor DA14583-01F01AT2 Datasheet HTML 6Page - Dialog Semiconductor DA14583-01F01AT2 Datasheet HTML 7Page - Dialog Semiconductor DA14583-01F01AT2 Datasheet HTML 8Page - Dialog Semiconductor DA14583-01F01AT2 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 150 page
background image
Datasheet
Revision 3.0
04-Nov-2016
CFR0011-120-01
1 of 150
© 2014 Dialog Semiconductor
DA14583
Bluetooth Low Energy 4.2 SoC with Flash Memory
FINAL
General Description
The DA14583 integrated circuit has a fully integrated
radio transceiver and baseband processor for Blue-
tooth® low energy. It can be used as a standalone
application processor or as a data pump in hosted sys-
tems.
The DA14583 supports a flexible memory architecture,
including 1 Mbit of Flash memory, for storing Bluetooth
profiles and custom application code, which can be
updated over the air (OTA). The qualified Bluetooth low
energy protocol stack is stored in a dedicated ROM. All
software runs on the ARM® Cortex®-M0 processor via
a simple scheduler.
The Bluetooth low energy firmware includes the
L2CAP service layer protocols, Security Manager
(SM), Attribute Protocol (ATT), the Generic Attribute
Profile (GATT) and the Generic Access Profile (GAP).
All profiles published by the Bluetooth SIG as well as
custom profiles are supported.
The transceiver interfaces directly to the antenna and
is fully compliant with the Bluetooth 4.2 standard.
The DA14583 has dedicated hardware for the Link
Layer implementation of Bluetooth low energy and
interface controllers for enhanced connectivity capabili-
ties.
Features
Complies with Bluetooth V4.2, ETSI EN 300 328 and
EN 300 440 Class 2 (Europe), FCC CFR47 Part 15
(US) and ARIB STD-T66 (Japan)
Processing power
16 MHz 32 bit ARM Cortex-M0 with SWD inter-
face
Dedicated Link Layer Processor
AES-128 bit encryption Processor
Memories
1 Mbit Flash memory
32 kB One-Time-Programmable (OTP) memory
42 kB System SRAM
84 kB ROM
8 kB Retention SRAM
Power management
Integrated Buck mode DC-DC converter
Embedded charge pump for Flash programming
P0, P1, and P2 ports with 3.3 V tolerance
Supports coin (typ. 3.0 V) battery cells
10-bit ADC for battery voltage measurement
Digital controlled oscillators
16 MHz crystal (±20 ppm max) and RC oscillator
32 kHz crystal (±50 ppm, ±500 ppm max) and
RCX oscillator
General purpose, Capture and Sleep timers
Digital interfaces
24 general purpose I/Os
2 UARTs with hardware flow control up to 1 MBd
SPI+™ interface
I2C bus at 100 kHz, 400 kHz
3-axes capable Quadrature Decoder
Analog interfaces
4-channel 10-bit ADC
Radio transceiver
Fully integrated 2.4 GHz CMOS transceiver
Single wire antenna: no RF matching or RX/TX
switching required
Supply current at VBAT3V:
TX: 3.4 mA, RX: 3.7 mA (with ideal DC-DC)
0 dBm transmit output power
-20 dBm output power in “Near Field Mode”
-93 dBm receiver sensitivity
Packages:
QFN 40 pins, 5 mm x 5 mm
________________________________________________________________________________________________
System Diagram


Similar Part No. - DA14583-01F01AT2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
Renesas Technology Corp
DA14583 RENESAS-DA14583 Datasheet
266Kb / 3P
   Revision History
04-Jan-2022
More results

Similar Description - DA14583-01F01AT2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Dialog Semiconductor
DA14682 DIALOG-DA14682 Datasheet
4Mb / 459P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
logo
Renesas Technology Corp
DA14682 RENESAS-DA14682 Datasheet
4Mb / 460P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com