Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14582 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA14582
Description  Bluetooth Low Energy 4.2 SoC with Audio CODEC
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14582 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA14582_16 Datasheet HTML 40Page - Dialog Semiconductor DA14582_16 Datasheet HTML 41Page - Dialog Semiconductor DA14582_16 Datasheet HTML 42Page - Dialog Semiconductor DA14582_16 Datasheet HTML 43Page - Dialog Semiconductor DA14582_16 Datasheet HTML 44Page - Dialog Semiconductor DA14582_16 Datasheet HTML 45Page - Dialog Semiconductor DA14582_16 Datasheet HTML 46Page - Dialog Semiconductor DA14582_16 Datasheet HTML 47Page - Dialog Semiconductor DA14582_16 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 172 page
background image
Datasheet
Revision 3.0
08-Nov-2016
CFR0011-120-01
44 of 172
© 2015 Dialog Semiconductor
DA14582
Bluetooth Low Energy 4.2 SoC with Audio CODEC
FINAL
7
r
UART_DCD
Data Carrier Detect.
This is used to indicate the current state of the modem con-
trol line dcd_n. This bit is the complement of dcd_n. When
the Data Carrier Detect input (dcd_n) is asserted it is an indi-
cation that the carrier has been detected by the modem or
data set.
0 = dcd_n input is de-asserted (logic 1)
1 = dcd_n input is asserted (logic 0)
In Loopback Mode (MCR[4] set to one), DCD is the same as
MCR[3] (Out2).
0x0
6
r
UART_R1
Ring Indicator.
This is used to indicate the current state of the modem con-
trol line ri_n. This bit is the complement of ri_n. When the
Ring Indicator input (ri_n) is asserted it is an indication that a
telephone ringing signal has been received by the modem or
data set.
0 = ri_n input is de-asserted (logic 1)
1 = ri_n input is asserted (logic 0)
In Loopback Mode (MCR[4] set to one), RI is the same as
MCR[2] (Out1).
0x0
5
-
-
Reserved
0x0
4
r
UART_CTS
Clear to Send.
This is used to indicate the current state of the modem con-
trol line cts_n. This bit is the complement of cts_n. When the
Clear to Send input (cts_n) is asserted it is an indication that
the modem or data set is ready to exchange data with the
UART Ctrl.
0 = cts_n input is de-asserted (logic 1)
1 = cts_n input is asserted (logic 0)
In Loopback Mode (MCR[4] = 1), CTS is the same as
MCR[1] (RTS).
0x0
3
r
UART_DDCD
Delta Data Carrier Detect.
This is used to indicate that the modem control line dcd_n
has changed since the last time the MSR was read.
0 = no change on dcd_n since last read of MSR
1 = change on dcd_n since last read of MSR
Reading the MSR clears the DDCD bit. In Loopback Mode
(MCR[4] = 1), DDCD reflects changes on MCR[3] (Out2).
Note, if the DDCD bit is not set and the dcd_n signal is
asserted (low) and a reset occurs (software or otherwise),
then the DDCD bit is set when the reset is removed if the
dcd_n signal remains asserted.
0x0
2
r
UART_TERI
Trailing Edge of Ring Indicator.
This is used to indicate that a change on the input ri_n (from
an active-low to an inactive-high state) has occurred since
the last time the MSR was read.
0 = no change on ri_n since last read of MSR
1 = change on ri_n since last read of MSR
Reading the MSR clears the TERI bit. In Loopback Mode
(MCR[4] = 1), TERI reflects when MCR[2] (Out1) has
changed state from a high to a low.
0x0
1
-
-
Reserved
0x0
Table 50: UART_MSR_REG (0x50001018)
Bit
Mode
Symbol
Description
Reset


Similar Part No. - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Renesas Technology Corp
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
   Revision History
04-Jan-2022
More results

Similar Description - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
logo
Dialog Semiconductor
DA14683 DIALOG-DA14683 Datasheet
13Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com