Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14582 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # DA14582
Description  Bluetooth Low Energy 4.2 SoC with Audio CODEC
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14582 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button DA14582_16 Datasheet HTML 21Page - Dialog Semiconductor DA14582_16 Datasheet HTML 22Page - Dialog Semiconductor DA14582_16 Datasheet HTML 23Page - Dialog Semiconductor DA14582_16 Datasheet HTML 24Page - Dialog Semiconductor DA14582_16 Datasheet HTML 25Page - Dialog Semiconductor DA14582_16 Datasheet HTML 26Page - Dialog Semiconductor DA14582_16 Datasheet HTML 27Page - Dialog Semiconductor DA14582_16 Datasheet HTML 28Page - Dialog Semiconductor DA14582_16 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 172 page
background image
Datasheet
Revision 3.0
08-Nov-2016
CFR0011-120-01
25 of 172
© 2015 Dialog Semiconductor
DA14582
Bluetooth Low Energy 4.2 SoC with Audio CODEC
FINAL
29:28
r/w
OTPC_MODE_PRG_
PORT_MUX
Selects the source that is connected to the prg_port port of
the controller.
00 - {16'd0, BANDGAP_REG[15:0]}
01 - {RF_RSSI_COMP_CTRL_REG[15:0], 8'd0,
RFIO_CTRL1_REG{7:0]}
10 - {3'd0, RF_LNA_CTRL3_REG[4:0],
RF_LNA_CTRL2_REG[11:0], RF_LNA_CTRL1_REG[11:0]}
11 - {28'd0, RF_VCO_CTRL_REG[3:0]}
See OTPC_MODE_PRG_PORT_SEL about the use of the
prg_port
0x0
27:9
-
-
Reserved
0x0
8
r/w
OPTC_MODE_PRG_
FAST
Defines the timing that will be used for all the programming
activities (APROG, MPROG and TWR)
0 - Selects the normal timing
1 - Selects the fast timing
0
7
r/w
OTPC_MODE_PRG_
PORT_SEL
Selects an alternative data source for the programming of
the OTP macrocells, when the controller is configured in
APROG mode.
0 - The fifo will be used as the data source. The fifo will be
filled with a way defined by the register
OTPC_MODE_USE_DMA. The number of words that will be
programmed is defined by OTPC_NWORDS.
1 - Only one word will programmed. The value of the word is
contained in the prg_port port of the controller. The values of
the registers OTPC_MODE_USE_DMA, OTPC_NWORDS
and the contents of the FIFO will not be used.
0x0
6
r/w
OTPC_MODE_TWO
_CC_ACC
Defines the duration of each read from the OTP macrocells.
0 - Reads 16 bits of data every one clock cycle.
1 - Reads 16 bits of data every two clock cycles.
0x0
5
r/w
OTPC_MODE_FIFO
_FLUSH
Writing 1, removes any content from the FIFO. This bit
returns automatically to 0.
0x0
4
r/w
OTPC_MODE_USE_
DMA
Selects the use of the dma, when the controller is configured
in one of the modes: AREAD or APROG.
0 - DMAis not used. The data should be transfered from/to
controller through OTPC_FFPRT_REG
1 - DMA is used. Data transfers from/to controller are per-
formed automatically. The AHB base address should be con-
figured in OTPC_AHBADR_REG before the selection of the
mode.
If programming of the OTPC_MODE_REG is performed
through the serial interface,the OTPC_MODE_USE_DMA
will be set to 0 automatically.
If the controller is in APROG mode and the
OTPC_MODE_PRG_PORT_SEL is enabled, the dma will
stay inactive.
0x0
3
-
-
Reserved
0x0
Table 5: OTPC_MODE_REG (0x40008000)
Bit
Mode
Symbol
Description
Reset


Similar Part No. - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Renesas Technology Corp
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
   Revision History
04-Jan-2022
More results

Similar Description - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
logo
Dialog Semiconductor
DA14683 DIALOG-DA14683 Datasheet
13Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com