Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14582 Datasheet(PDF) 95 Page - Dialog Semiconductor

Part # DA14582
Description  Bluetooth Low Energy 4.2 SoC with Audio CODEC
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14582 Datasheet(HTML) 95 Page - Dialog Semiconductor

Back Button DA14582_16 Datasheet HTML 91Page - Dialog Semiconductor DA14582_16 Datasheet HTML 92Page - Dialog Semiconductor DA14582_16 Datasheet HTML 93Page - Dialog Semiconductor DA14582_16 Datasheet HTML 94Page - Dialog Semiconductor DA14582_16 Datasheet HTML 95Page - Dialog Semiconductor DA14582_16 Datasheet HTML 96Page - Dialog Semiconductor DA14582_16 Datasheet HTML 97Page - Dialog Semiconductor DA14582_16 Datasheet HTML 98Page - Dialog Semiconductor DA14582_16 Datasheet HTML 99Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 172 page
background image
Datasheet
Revision 3.0
08-Nov-2016
CFR0011-120-01
95 of 172
© 2015 Dialog Semiconductor
DA14582
Bluetooth Low Energy 4.2 SoC with Audio CODEC
FINAL
6
r/w
SPI_SMN
Master/slave mode
0 = Master,
1 = Slave(SPI1 only)
0x0
5
r/w
SPI_DO
Pin SPI_DO output level when SPI is idle or when
SPI_FORCE_DO=1
0x0
4:3
r/w
SPI_CLK
Select SPI_CLK clock frequency in master mode:00 =
(XTAL) / (CLK_PER_REG *8)
01 = (XTAL) / (CLK_PER_REG *4)
10 = (XTAL) / (CLK_PER_REG *2)
11 = (XTAL) / (CLK_PER_REG *14)
0x0
2
r/w
SPI_POL
Select SPI_CLK polarity.
0 = SPI_CLK is initially low.
1 = SPI_CLK is initially high.
0x0
1
r/w
SPI_PHA
Select SPI_CLK phase. See functional timing diagrams in
SPI chapter
0x0
0
r/w
SPI_ON
0 = SPI Module switched off (power saving). Everything is
reset except SPI_CTRL_REG0 and SPI_CTRL_REG1.
When this bit is cleared the SPI will remain active in master
mode until the shift register and holding register are both
empty.
1 = SPI Module switched on. Should only be set after all con-
trol bits have their desired values. So two writes are needed!
0x0
Table 124: SPI_CTRL_REG (0x50001200)
Bit
Mode
Symbol
Description
Reset
Table 125: SPI_RX_TX_REG0 (0x50001202)
Bit
Mode
Symbol
Description
Reset
15:0
r0/w
SPI_DATA0
Write: SPI_TX_REG0 output register 0 (TX-FIFO)
Read: SPI_RX_REG0 input register 0 (RX-FIFO)
In 8 or 9 bits mode bits 15 to 8 are not used, they contain old
data.
0x0
Table 126: SPI_RX_TX_REG1 (0x50001204)
Bit
Mode
Symbol
Description
Reset
15:0
r0/w
SPI_DATA1
Write: SPI_TX_REG1 output register 1 (MSB's of TX-FIFO)
Read: SPI_RX_REG1 input register 1 (MSB's of RX-FIFO)
In 8 or 9 or 16 bits mode bits this register is not used.
0x0
Table 127: SPI_CLEAR_INT_REG (0x50001206)
Bit
Mode
Symbol
Description
Reset
15:0
r0/w
SPI_CLEAR_INT
Writing any value to this register will clear the
SPI_CTRL_REG[SPI_INT_BIT]
Reading returns 0.
0x0
Table 128: SPI_CTRL_REG1 (0x50001208)
Bit
Mode
Symbol
Description
Reset
15:5
-
-
Reserved
0x0
4
r/w
SPI_9BIT_VAL
Determines the value of the first bit in 9 bits SPI mode.
0x0


Similar Part No. - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Renesas Technology Corp
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
   Revision History
04-Jan-2022
More results

Similar Description - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
logo
Dialog Semiconductor
DA14683 DIALOG-DA14683 Datasheet
13Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com