Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14582 Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # DA14582
Description  Bluetooth Low Energy 4.2 SoC with Audio CODEC
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14582 Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button DA14582_16 Datasheet HTML 68Page - Dialog Semiconductor DA14582_16 Datasheet HTML 69Page - Dialog Semiconductor DA14582_16 Datasheet HTML 70Page - Dialog Semiconductor DA14582_16 Datasheet HTML 71Page - Dialog Semiconductor DA14582_16 Datasheet HTML 72Page - Dialog Semiconductor DA14582_16 Datasheet HTML 73Page - Dialog Semiconductor DA14582_16 Datasheet HTML 74Page - Dialog Semiconductor DA14582_16 Datasheet HTML 75Page - Dialog Semiconductor DA14582_16 Datasheet HTML 76Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 172 page
background image
Datasheet
Revision 3.0
08-Nov-2016
CFR0011-120-01
72 of 172
© 2015 Dialog Semiconductor
DA14582
Bluetooth Low Energy 4.2 SoC with Audio CODEC
FINAL
3
r
UART_FE
Framing Error bit.
This is used to indicate the occurrence of a framing error in
the receiver. A framing error occurs when the receiver does
not detect a valid STOP bit in the received data.
In the FIFO mode, since the framing error is associated with
a character received, it is revealed when the character with
the framing error is at the top of the FIFO.
When a framing error occurs, the UART tries to resynchro-
nize. It does this by assuming that the error was due to the
start bit of the next character and then continues receiving
the other bit i.e. data, and/or parity and stop. It should be
noted that the Framing Error (FE) bit (LSR[3]) is set if a
break interrupt has occurred, as indicated by Break Interrupt
(BI) bit (LSR[4]).
0 = no framing error
1 = framing error
Reading the LSR clears the FE bit.
0x0
2
r
UART_PE
Parity Error bit.
This is used to indicate the occurrence of a parity error in the
receiver if the Parity Enable (PEN) bit (LCR[3]) is set.
In the FIFO mode, since the parity error is associated with a
character received, it is revealed when the character with the
parity error arrives at the top of the FIFO.
It should be noted that the Parity Error (PE) bit (LSR[2]) is
set if a break interrupt has occurred, as indicated by Break
Interrupt (BI) bit (LSR[4]).
0 = no parity error
1 = parity error
Reading the LSR clears the PE bit.
0x0
1
r
UART_OE
Overrun error bit.
This is used to indicate the occurrence of an overrun error.
This occurs if a new data character was received before the
previous data was read.
In the non-FIFO mode, the OE bit is set when a new charac-
ter arrives in the receiver before the previous character was
read from the RBR. When this happens, the data in the RBR
is overwritten. In the FIFO mode, an overrun error occurs
when the FIFO is full and a new character arrives at the
receiver. The data in the FIFO is retained and the data in the
receive shift register is lost.
0 = no overrun error
1 = overrun error
Reading the LSR clears the OE bit.
0x0
0
r
UART_DR
Data Ready bit.
This is used to indicate that the receiver contains at least
one character in the RBR or the receiver FIFO.
0 = no data ready
1 = data ready
This bit is cleared when the RBR is read in non-FIFO mode,
or when the receiver FIFO is empty, in FIFO mode.
0x0
Table 89: UART2_LSR_REG (0x50001114)
Bit
Mode
Symbol
Description
Reset
Table 90: UART2_MSR_REG (0x50001118)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
0x0


Similar Part No. - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Renesas Technology Corp
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
   Revision History
04-Jan-2022
More results

Similar Description - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
logo
Dialog Semiconductor
DA14683 DIALOG-DA14683 Datasheet
13Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com