Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14582 Datasheet(PDF) 57 Page - Dialog Semiconductor

Part # DA14582
Description  Bluetooth Low Energy 4.2 SoC with Audio CODEC
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14582 Datasheet(HTML) 57 Page - Dialog Semiconductor

Back Button DA14582_16 Datasheet HTML 53Page - Dialog Semiconductor DA14582_16 Datasheet HTML 54Page - Dialog Semiconductor DA14582_16 Datasheet HTML 55Page - Dialog Semiconductor DA14582_16 Datasheet HTML 56Page - Dialog Semiconductor DA14582_16 Datasheet HTML 57Page - Dialog Semiconductor DA14582_16 Datasheet HTML 58Page - Dialog Semiconductor DA14582_16 Datasheet HTML 59Page - Dialog Semiconductor DA14582_16 Datasheet HTML 60Page - Dialog Semiconductor DA14582_16 Datasheet HTML 61Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 172 page
background image
Datasheet
Revision 3.0
08-Nov-2016
CFR0011-120-01
57 of 172
© 2015 Dialog Semiconductor
DA14582
Bluetooth Low Energy 4.2 SoC with Audio CODEC
FINAL
7:0
r/w
SRBR_STHRX
Shadow Receive Buffer Register x: This is a shadow register
for the RBR and has been allocated sixteen 32-bit locations
so as to accommodate burst accesses from the master. This
register contains the data byte received on the serial input
port (sin) in UART mode or the serial infrared input (sir_in) in
infrared mode. The data in this register is valid only if the
Data Ready (DR) bit in the Line status Register (LSR) is set.
If FIFOs are disabled (FCR[0] set to zero), the data in the
RBR must be read before the next data arrives, otherwise it
will be overwritten, resulting in an overrun error. If FIFOs are
enabled (FCR[0] set to one), this register accesses the head
of the receive FIFO. If the receive FIFO is full and this regis-
ter is not read before the next data character arrives, then
the data already in the FIFO will be preserved but any
incoming data will be lost. An overrun error will also occur.
Shadow Transmit Holding Register 0: This is a shadow reg-
ister for the THR and has been allocated sixteen 32-bit loca-
tions so as to accommodate burst accesses from the master.
This register contains data to be transmitted on the serial
output port (sout) in UART mode or the serial infrared output
(sir_out_n) in infrared mode. Data should only be written to
the THR when the THR Empty (THRE) bit (LSR[5]) is set. If
FIFO's are disabled (FCR[0] set to zero) and THRE is set,
writing a single character to the THR clears the THRE. Any
additional writes to the THR before the THRE is set again
causes the THR data to be overwritten. If FIFO's are enabled
(FCR[0] set to one) and THRE is set, x number of characters
of data may be written to the THR before the FIFO is full.
The number x (default=16) is determined by the value of
FIFO Depth that you set during configuration. Any attempt to
write data when the FIFO is full results in the write data being
lost.
0x0
Table 65: UART_SRBR_STHR11_REG (0x5000105C)
Bit
Mode
Symbol
Description
Reset
Table 66: UART_SRBR_STHR12_REG (0x50001060)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
0x0


Similar Part No. - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Renesas Technology Corp
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
   Revision History
04-Jan-2022
More results

Similar Description - DA14582_16

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
logo
Dialog Semiconductor
DA14683 DIALOG-DA14683 Datasheet
13Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com