Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ5921B Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMAJ5921B
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ5921B Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ5921B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ5921B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ5921B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ5921B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Surface mount zener diode
SMAJ5913B--SMAJ5956B
Document Number : SMA502AA
www.gmicroelec.com
1
FEATURES
Complete voltage range 3.3 to 200 V
Withstands large surge stresses
Available on tape and reel
High surge current rating
MECHANICAL DATA
Case: JEDEC SMA, molded plastic
Terminals: Solder plated, solderable per MILSTD-750, Method 2026
Polarity: Color band denotes cathods end
Weight: 0.002ounces, 0.064 gram
Maximum Ratings and Thermal Characteristics (T
A=25
unless otherwise noted)
Characteristic
Symbol
Value
Unit
Power dissipation at Tamb≤50℃
Ptot
1.5
W
Forward voltage @IF=200mA
VF
1.2
V
Junction temperature
TJ
-55 -- +150
Storage temperature range
TSTG
-55 -- +150
Pb
Lead-free


Similar Part No. - SMAJ5921B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ5921B MCC-SMAJ5921B Datasheet
486Kb / 5P
   1.5 Watt Zener Diode 3.3 to 51 Volts
More results

Similar Description - SMAJ5921B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com