Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9210-xxUK2 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # DA9210-xxUK2
Description  DA9210 Multi-Phase 12 A DC-DC Buck Converter
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9210-xxUK2 Datasheet(HTML) 5 Page - Dialog Semiconductor

  DA9210-xxUK2 Datasheet HTML 1Page - Dialog Semiconductor DA9210-xxUK2 Datasheet HTML 2Page - Dialog Semiconductor DA9210-xxUK2 Datasheet HTML 3Page - Dialog Semiconductor DA9210-xxUK2 Datasheet HTML 4Page - Dialog Semiconductor DA9210-xxUK2 Datasheet HTML 5Page - Dialog Semiconductor DA9210-xxUK2 Datasheet HTML 6Page - Dialog Semiconductor DA9210-xxUK2 Datasheet HTML 7Page - Dialog Semiconductor DA9210-xxUK2 Datasheet HTML 8Page - Dialog Semiconductor DA9210-xxUK2 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck Converter
Datasheet
Revision 2.1
28-Oct-2016
CFR0011-120-00
5 of 92
© 2016 Dialog Semiconductor
Figures
Figure 1: System Diagram..................................................................................................................... 2
Figure 2: Connection Diagram (48 WLCSP) ......................................................................................... 9
Figure 3: Connection Diagram (42 VFBGA) ........................................................................................ 11
Figure 4: 2-WIRE Interface Timing ...................................................................................................... 18
Figure 5: 4-WIRE Bus Timing.............................................................................................................. 20
Figure 6: Efficiency vs Output Current VOUT = 1.0 V ........................................................................... 22
Figure 7: Efficiency vs Output Current VOUT = 1.2 V ........................................................................... 22
Figure 8: Efficiency vs Output Current VOUT = 0.9 V ........................................................................... 23
Figure 9: Efficiency vs Output Current VOUT = 1.0 V, Dual Parallel Mode (24 A max) ........................ 23
Figure 10: Efficiency vs Output Current VOUT = 1.2 V, Dual Parallel Mode (24 A max) ...................... 24
Figure 11: Efficiency vs Output Current VOUT = 0.9 V, Dual Parallel Mode (24 A max) ...................... 24
Figure 12: Efficiency vs Input Voltage IOUT = 2 A ................................................................................ 25
Figure 13: Efficiency vs Input Voltage IOUT = 10 A .............................................................................. 25
Figure 14: Start-up No Load, STARTUP_CTRL = 000 (slowest), VDD = 3.6 V, VOUT = 1.0 V ............. 26
Figure 15: Start-up No Load, STARTUP_CTRL = 100, VDD = 3.6 V, VOUT = 1.0 V ............................. 26
Figure 16: Start-up No Load, STARTUP_CTRL = 111 (fastest), VDD = 3.6 V, VOUT = 1.0 V............... 27
Figure 17: Start-up 1 A Load, STARTUP_CTRL = 000 (slowest), VDD = 3.6 V, VOUT = 1.0 V............. 27
Figure 18: Start-up 1 A Load, STARTUP_CTRL = 100, VDD = 3.6 V, VOUT = 1.0 V ............................ 28
Figure 19: Start-up 1 A Load, STARTUP_CTRL = 111 (fastest), VDD = 3.6 V, VOUT = 1.0 V .............. 28
Figure 20: Start-up from EN_CHIP, no Load, STARTUP_CTRL = 100, VDD = 3.6 V, VOUT = 1.0 V.... 29
Figure 21: Switching Waveforms, PWM, no Load, VDD = 3.6 V, VOUT = 1.0 V .................................... 29
Figure 22: Voltage and Current Ripple, PWM, no Load, VDD = 3.6 V, VOUT = 1.0 V ........................... 30
Figure 23: Transient Load, PWM, Dual Mode, 8-phases 5 A to 17 A (12 A/µs), VDD = 3.7 V,
VOUT = 1.0 V......................................................................................................................................... 30
Figure 24: Transient Load, PWM, Dual Mode, 8-phases 5 to17 A in 12 A/µs, VDD = 3.7 V, VOUT =
1.0 V .................................................................................................................................................... 31
Figure 25: Transient Load, Auto, Dual Mode, 8-phases 1 to 10 A in 12 A/µs, VDD = 3.7 V, VOUT =
1.0 V .................................................................................................................................................... 31
Figure 26: Transient Load, Auto, 4-phases 1 to 5 A in 10 A/µs, VDD = 3.7 V, VOUT = 1.0 V ................ 32
Figure 27: Transient Load, Auto, Dual Mode, 8-phases, 0.22 µH 1 to 10 A in 12 A/µs, VDD = 3.7 V,
VOUT = 1.0 V......................................................................................................................................... 32
Figure 28: Control Ports and Interface ................................................................................................ 34
Figure 29: Concept of Control of DA9210’s Buck Output Voltage ...................................................... 37
Figure 30: Configuration of OC_PG Pin Functionality......................................................................... 42
Figure 31: OC_PG Timing Diagram (CONFIG_A = 0x16) .................................................................. 43
Figure 32: Dual Parallel Mode Configuration ...................................................................................... 45
Figure 33: GPIO Principal Block Diagram with nIRQ Signal (Example Paths) ................................... 47
Figure 34: 4-WIRE Interface................................................................................................................ 48
Figure 35: 4-
WIRE Host Write and Read Timing (nCS_POL = ‘0’, CPOL = ‘0’, CPHA = ‘0’) ............. 50
Figure 36: 4-
WIRE Host Write and Read Timing (nCS_POL = ‘0’, CPOL = ‘0’, CPHA = ‘1’) ............. 50
Figure 37: 4-
WIRE Host Write and Read Timing (nCS_POL = ‘0’, CPOL = ‘1’, CPHA = ‘0’) ............. 51
Figure 38: 4-WIRE Host Write
and Read Timing (nCS_POL = ‘0’, CPOL = ‘1’, CPHA = ‘1’) ............. 51
Figure 39: Timing of the START and STOP Conditions...................................................................... 54
Figure 40: Byte Write Operation .......................................................................................................... 54
Figure 41: Examples of Byte Read Operations ................................................................................... 54
Figure 42: 2-WIRE Page Read............................................................................................................ 55
Figure 43: 2-WIRE Page Write ............................................................................................................ 55
Figure 44: 2-WIRE Repeated Write..................................................................................................... 55
Figure 45: DVC Control Interface ........................................................................................................ 57
Figure 46: Register Map ...................................................................................................................... 61
Figure 47: Package Outline Drawing (48 WLCSP) ............................................................................. 84
Figure 48: Package Outline Drawing (42 VF-BGA)............................................................................. 86
Figure 49: Line Regulation .................................................................................................................. 90


Similar Part No. - DA9210-xxUK2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9210-XXUK2 DIALOG-DA9210-XXUK2 Datasheet
3Mb / 90P
   Multi-Phase 12 A DC-DC Buck Converter
More results

Similar Description - DA9210-xxUK2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9210 RENESAS-DA9210 Datasheet
2Mb / 98P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
28-Feb-2022
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210 Datasheet
3Mb / 90P
   Multi-Phase 12 A DC-DC Buck Converter
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
   Multi-Phase 5A/Phase DC-DC Buck Converter
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
   Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3125 FOSLINK-FSP3125 Datasheet
272Kb / 9P
   150KHZ竊?A PWM BUCK DC/DC CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com