Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9063-xxHK1 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9063-xxHK1
Description  System PMIC for Mobile Application Processors
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063-xxHK1 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9063-xxHK1 Datasheet HTML 1Page - Dialog Semiconductor DA9063-xxHK1 Datasheet HTML 2Page - Dialog Semiconductor DA9063-xxHK1 Datasheet HTML 3Page - Dialog Semiconductor DA9063-xxHK1 Datasheet HTML 4Page - Dialog Semiconductor DA9063-xxHK1 Datasheet HTML 5Page - Dialog Semiconductor DA9063-xxHK1 Datasheet HTML 6Page - Dialog Semiconductor DA9063-xxHK1 Datasheet HTML 7Page - Dialog Semiconductor DA9063-xxHK1 Datasheet HTML 8Page - Dialog Semiconductor DA9063-xxHK1 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 219 page
background image
DA9063
System PMIC for Mobile Application Processors
Datasheet
DA9063_2v1
23-Mar-2017
CFR0011-120-00
1 of 219
© 2017 Dialog Semiconductor
General Description
DA9063 is a high current system PMIC suitable for dual- and quad-core processors used in
smartphones, tablets, ultra-books, and other handheld applications that require up to 5 A core
processor supply.
DA9063 contains six DC-DC buck converters designed for small external 1 µH inductors capable of
supplying in total up to 12 A continuous output (0.3 V to 3.3 V). The buck converters do not require
external Schottky diodes. They dynamically optimize their efficiency depending on the load current
using an Automatic Sleep mode. The bucks incorporate pin and s/w controlled Dynamic Voltage
Control (DVC) to support processor load adaptive adjustment of the supply voltage. One buck can
also be used in a DDR memory termination mode.
Eleven SmartMirror
TM programmable LDO regulators are incorporated, rated up to 300 mA. All
support remote capacitor placement and can support operation from a low 1.5 V/1.8 V input voltage:
this allows the linear regulators to be cascaded with a suitable buck supply to improve overall system
efficiency.
Processor core leakage can be minimized by using the integrated rail switch controller for ultra-fast
power domain isolation/reconnection while current limited switches provide support for external
peripherals such as external accessory or memory cards.
There are five distinct operating modes consuming < 20 µA including a 1.5 µA RTC mode with alarm
and wakeup. A system monitor watchdog can be enabled in ACTIVE mode.
The DA9063 provides an OTP start-up sequencing engine that offers autonomous hardware system
start-up or software controlled start-up and configurable power modes. The on key detects the button
press time and offers configurable key lock and application shutdown functions. Up to 16 freely
configurable GPIO pins can perform system functions, including: keypad supervision, application
wakeup, and timing controlled external regulator, power switch, or other IC enable.
An integrated 10-channel ADC includes advanced voltage monitoring, internal temperature
supervision, three general-purpose channels with programmable high/low thresholds, an integrated
current source for resistive measurements, and system voltage monitoring with a programmable low-
voltage warning. The ADC has 8-bit resolution in AUTO mode and 10-bit resolution in manual
conversion mode.
Three RGB-LED driver pins are provided with PWM control.
LDO8 can be configured as a 6-bit, PWM-controlled, vibration motor driver with automatic battery
voltage correction.


Similar Part No. - DA9063-xxHK1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
DA9063-EVAL APEX-DA9063-EVAL Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - DA9063-xxHK1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
   System PMIC for Multi-Core Application Processors
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
   System PMIC for Dual/Quad-Core Processors
logo
Renesas Technology Corp
DA9066 RENESAS-DA9066 Datasheet
3Mb / 257P
   System PMIC for Dual/Quad-Core Processors
21-Feb-2022
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com