Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9063 Datasheet(PDF) 84 Page - Dialog Semiconductor

Part # DA9063
Description  System PMIC for Mobile Application Processors
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063 Datasheet(HTML) 84 Page - Dialog Semiconductor

Back Button DA9063_17 Datasheet HTML 80Page - Dialog Semiconductor DA9063_17 Datasheet HTML 81Page - Dialog Semiconductor DA9063_17 Datasheet HTML 82Page - Dialog Semiconductor DA9063_17 Datasheet HTML 83Page - Dialog Semiconductor DA9063_17 Datasheet HTML 84Page - Dialog Semiconductor DA9063_17 Datasheet HTML 85Page - Dialog Semiconductor DA9063_17 Datasheet HTML 86Page - Dialog Semiconductor DA9063_17 Datasheet HTML 87Page - Dialog Semiconductor DA9063_17 Datasheet HTML 88Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 219 page
background image
DA9063
System PMIC for Mobile Application Processors
Datasheet
DA9063_2v1
23-Mar-2017
CFR0011-120-00
84 of 219
© 2017 Dialog Semiconductor
6.8
Control Interfaces
The DA9063 is register controlled by the host software. The DA9063 offers two independent serial
control interfaces to access these registers (Figure 20). The communication via the main power
manager interface is selected via control IF_TYPE during the initial OTP read to be either a 2- or 4-
WIRE connection (I
2C respective SPI compliant). The alternate interface is a fixed 2-WIRE bus. Data
is shifted into or out from DA9063 under the control of the host processor that also provides the serial
clock. The interfaces are usually only configured once from OTP values, which are loaded during the
initial start-up. The interface configuration can be changed by the host. However, care must be taken
that changes are not made while the interface is active. If enabled, IF_RESET forces a reset of all
control interfaces when port nSHUTDOWN is asserted.
6.8.1
Power Manager Interface (4- and 2-WIRE Control Bus)
This is the dedicated power control interface from the primary host processor. In 4-WIRE mode, the
interface uses a chip-select line (nCS/nSS), a clock line (SK), a data input (SI), and a data output line
(SO).
6.8.1.1
4-WIRE Communication
In 4-WIRE mode, the DA9063 register map is split into four pages with each page containing up to
128 registers. The register at address zero on each page is used as a page control register. The
default active page after reset includes registers 0x01 to 0x7F. Writing to the page control register
changes the active page for all subsequent read/write operations unless an automatic return to page
0 was selected by asserting control REVERT. Unless REVERT was asserted after modifying the
active page it is recommended to read back the page control register to ensure that future data
exchange accesses the intended registers.
The 4-WIRE interface features a half-duplex operation (data can be transmitted and received within a
single 16-bit frame) with an enhanced clock speed (up to 14 MHz). It operates at the provided host
clock frequencies.
Figure 20: Schematic of 4- and 2-WIRE Power Manager Bus
A transmission begins when initiated by the host. Reading and writing is accomplished using an 8-bit
command, which is sent by the host prior to the exchanged 8-bit data. The byte from the host begins
shifting in on the SI pin under the control of the serial clock SK provided from the host. The first 7 bits
specify the register address (0x01 to 0x7F) to be written or read by the host. The register address is
automatically decoded after receiving the seventh address bit. The command word ends with a R/W
bit which, together with the control bit R/W_POL, specifies the direction of the next data exchange.
During register writing, the host continues sending out data during the following 8 SK clocks. For
reading, the host stops transmitting and the 8-bit register is clocked out of the DA9063 during the
consecutive 8 SK clocks of the frame. Address and data are transmitted MSB first. The polarity
(active state) of nCS is defined by control bit nCS_POL. nCS resets the interface when inactive and it
must be released between successive cycles.
The SO output from DA9063 is normally in a high-impedance state and active only during the second
half of read cycles. A pull-up or pull-down resistor may be needed on the SO line if a floating logic
signal can cause unintended current consumption inside other circuits.
PMIC
(slave)
Host
processor
SK
SO
SI
nCS/nSS
nCS/nSS
SI
SK
SO
nCS/nSS
VDDIO
VDDIO
VDDIO
Slave device
SI
SK
SO
nCS/nSS
VDDIO
4-WIRE interface
Host
processor
PMIC
Peripheral
device
SI
SK
Peripheral
device
SDA
SCL
SCL
SDA
VDDIO
VDDIO
2-WIRE interface


Similar Part No. - DA9063_17

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
DA9063-EVAL APEX-DA9063-EVAL Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
More results

Similar Description - DA9063_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
   System PMIC for Multi-Core Application Processors
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
   System PMIC for Dual/Quad-Core Processors
logo
Renesas Technology Corp
DA9066 RENESAS-DA9066 Datasheet
3Mb / 257P
   System PMIC for Dual/Quad-Core Processors
21-Feb-2022
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com