Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4921DY Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI4921DY
Description  Dual P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4921DY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4921DY Datasheet HTML 1Page - Vishay Siliconix SI4921DY Datasheet HTML 2Page - Vishay Siliconix SI4921DY Datasheet HTML 3Page - Vishay Siliconix SI4921DY Datasheet HTML 4Page - Vishay Siliconix SI4921DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si4921DY
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72109
S-03181—Rev. A, 17-Feb-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
30
50
10
20
Single Pulse Power
Time (sec)
40
10-3
10-2
1
10
600
10-1
10-4
100
- 0.4
- 0.2
0.0
0.2
0.4
0.6
- 50
- 25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
100
600
10
10-1
10-2
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25_C
Single Pulse
P(t) = 10
dc
0.1
IDM Limited
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
AF4901P Dual P-Channel 30-V D-S Common Drain MOSFET 1  2  3  Anachip Corp
SI4925BDY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4923DY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI7941DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
SI6991DQ Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI6543DQ Dual N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4947ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
72299 Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn