Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4921DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI4921DY
Description  Dual P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4921DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4921DY Datasheet HTML 1Page - Vishay Siliconix SI4921DY Datasheet HTML 2Page - Vishay Siliconix SI4921DY Datasheet HTML 3Page - Vishay Siliconix SI4921DY Datasheet HTML 4Page - Vishay Siliconix SI4921DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si4921DY
Vishay Siliconix
New Product
Document Number: 72109
S-03181—Rev. A, 17-Feb-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
600
1200
1800
2400
0
5
10
15
20
25
30
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
0
2
4
6
8
10
0
10203040
0.00
0.02
0.04
0.06
0.08
0
6
12
18
24
30
VDS - Drain-to-Source Voltage (V)
Coss
Ciss
VDS = 15 V
ID = 7.3 A
ID - Drain Current (A)
VGS = 10 V
ID = 7.3 A
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00
0.02
0.04
0.06
0.08
0.10
0
2468
10
TJ = 150_C
ID = 7.3 A
30
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
TJ = 25_C
Crss
VGS = 10 V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
AF4901P Dual P-Channel 30-V D-S Common Drain MOSFET 1  2  3  Anachip Corp
SI4925BDY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4923DY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI7941DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
SI6991DQ Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI6543DQ Dual N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4947ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
72299 Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn